Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YA961S6R Datasheet(PDF) 1 Page - Fuji Electric

Part # YA961S6R
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA961S6R Datasheet(HTML) 1 Page - Fuji Electric

  YA961S6R Datasheet HTML 1Page - Fuji Electric YA961S6R Datasheet HTML 2Page - Fuji Electric YA961S6R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YA961S6R (Ip 8A / 600V)
Features
Super high speed switching
High reliability by planer design
Applications
PFC circuit (current continuous mode)
Maximum ratings and characteristics
Maximum ratings
Item
Repetitive peak reverse voltage
Non-Repetitive peak reverse voltage
Peak forward current
Average output current
Non-Repetitive surge current
Operating junction temperature
Storage temperature
Conditions
Sine wave10ms,1shot
-40 to +150
Unit
V
V
A
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Reverse recovery peak current **
Reverse recovery time **
Forward voltage **
Reverse current **
Thermal resistance
Conditions
IF=5A,-di/dt=200A/µs,VR=380V Tj=100°C
IF=0.1A, IR=0.2A, Irec=0.05A
IF=8A
VR=VRRM
Junction to case
Characteristics
Typ.
1.9
Max.
23.0
Max.
5.0
Max.
50.0
Max.
6.0
Unit
A
ns
V
µA
°C/W
Square wave duty=1/2,
Tc=108°C
Rating
600
600
8
2.5
15
150
LOW LOSS SUPER HIGH SPEED RECTIFIER
Outline drawings, mm
Connection diagram
Symbol
VRRM
VRSM
IP
IO
IFSM
Tj
Tstg
Symbol
IRP
t rr
VF
IR
Rth(j-c)
Mechanical characteristics
Mouunting torque
Approximate mass
Recommended torque
0.3 to 0.5
2.0
N·m
g
Super LLD (For PFC circut)
(current continuous mode)
* Out put current of centertap full wave connection.
** Rating per element
http://www.fujielectric.co.jp/fdt/scd/
[200510]
TO-220AB
3
1


Similar Part No. - YA961S6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA962S6R FUJI-YA962S6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YA963S6R FUJI-YA963S6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Similar Description - YA961S6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ESAD92M-02R FUJI-ESAD92M-02R Datasheet
89Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com