Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LVG2043 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. LVG2043
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

LVG2043 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVG2043 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVG2043 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVG2043 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVG2043 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVG2043 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Spectral
halfwidth
△λ
nm
Peak
wave
length
λ
Pnm
Forward
voltage
@20mA(V)
Viewing
angle
2θ1/2
(deg)
Luminous
intensity
@20mA(mcd)
Lens
Water Clear
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
LVG2043
PART NO
Green
GaP
MATERIAL
Emitted
COLOR
Min.
2.6
30
1.7
565
Max.
Min.
30
120
220
Typ.
Symbol
Typical Electrical & Optical Characteristics (Ta=25 )
Absolute Maximum Ratings at Ta=25
Peak Forward Current
Duty 1/10@10KHz
Soldering Temperature
Tsol
Power Dissipation
Reverse Current @5V
Operating Temperature
Storage Temperature
Topr
Tstg
PD
Ir
Forward Current
Parameter
IF
IFP
PART NO.
Max 260for 5 sec Max
-40 ~ +85
-40 ~ +100
100
10
mW
μA
VG
30
120
Ratings
UNIT
mA
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/4
Page
LVG2043


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
204-10USOC3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
3294-15SURCTechnical Data Sheet 3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-031-0074.7mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
A694B3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
234-10SYGD3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
HLMP-CYXXPrecision Optical Performance 5mm Round Warm White LED Lamps 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
AND190CRPUltra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm 1 2 List of Unclassifed Manufacturers
NTE30030Super Bright LED Indicators 3mm 1 2 3 NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn