Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9926D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9926D
Description  20V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9926D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9926D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9926D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9926D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9926D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9926D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9926D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM9926D
20V Dual N-Channel MOSFET
1/6
Version: A07
SOP-8
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Specially Designed for Li-on Battery Packs
Battery Switch Application
Ordering Information
Part No.
Package
Packing
TSM9926DCS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
6
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)
a,b
IS
1.7
A
Ta = 25
oC
1.6
Maximum Power Dissipation
Ta = 75
oC
PD
1.1
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
40
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
77
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
30 @ VGS = 4.5V
6.0
20
40 @ VGS = 2.5V
5.2
Block Diagram
Dual N-Channel MOSFET
Pin Definition:
1. Source 1
8. Drain 1
2. Gate 1
7. Drain 1
3. Source 2
6. Drain 2
4. Gate 2
5. Drain 2


Similar Part No. - TSM9926D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D Datasheet
131Kb / 3P
   20V Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM9926DCS DOINGTER-TSM9926DCS Datasheet
2Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM9926DCSRL TSC-TSM9926DCSRL Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM9926DCSRL VBSEMI-TSM9926DCSRL Datasheet
1Mb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM9926DCX6 TSC-TSM9926DCX6 Datasheet
131Kb / 3P
   20V Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM9926D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com