Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGA37B Datasheet(PDF) 1 Page - Semikron International

Part # RGA37B
Description  Fast Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

RGA37B Datasheet(HTML) 1 Page - Semikron International

  RGA37B Datasheet HTML 1Page - Semikron International RGA37B Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Fast Avalanche Diodes
RGA 37A ... RGA 37M
Forward Current: 1 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
RGA 37A ... RGA 37M
1
08-03-2007 MAM
© by SEMIKRON


Similar Part No. - RGA37B

ManufacturerPart #DatasheetDescription
logo
Surge Components
RGA SURGE-RGA Datasheet
204Kb / 2P
   rohs compliance
logo
TDK Electronics
RGA TDK-RGA Datasheet
1Mb / 6P
   300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
logo
RFE international
RGA RFE-RGA Datasheet
1Mb / 6P
   Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RGA221M1HBK100160 RFE-RGA221M1HBK100160 Datasheet
1Mb / 6P
   Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RGA221M1HBK100200 RFE-RGA221M1HBK100200 Datasheet
197Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RGA Series: Radial High Temperature, 105C
More results

Similar Description - RGA37B

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAA154 SEMIKRON-SAA154_09 Datasheet
188Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A_10 Datasheet
206Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
FRA1A SEMIKRON-FRA1A Datasheet
158Kb / 2P
   Fast Avalanche Diodes
SAA154 SEMIKRON-SAA154 Datasheet
146Kb / 2P
   Fast Avalanche Diodes
FRA1A SEMIKRON-FRA1A_10 Datasheet
210Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A_10 Datasheet
211Kb / 2P
   Fast Avalanche Diodes
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A_V01 Datasheet
124Kb / 4P
   Fast Avalanche Sinterglass Diodes
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com