Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78L08ACLP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L08ACLP
Description  POSITIVE-VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L08ACLP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA78L08ACLP Datasheet HTML 3Page - Texas Instruments UA78L08ACLP Datasheet HTML 4Page - Texas Instruments UA78L08ACLP Datasheet HTML 5Page - Texas Instruments UA78L08ACLP Datasheet HTML 6Page - Texas Instruments UA78L08ACLP Datasheet HTML 7Page - Texas Instruments UA78L08ACLP Datasheet HTML 8Page - Texas Instruments UA78L08ACLP Datasheet HTML 9Page - Texas Instruments UA78L08ACLP Datasheet HTML 10Page - Texas Instruments UA78L08ACLP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
µA78L00 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 16 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA78L09C
µA78L09AC
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = 12 V to 24 V, IO = 1 mA to 40 mA
25
°C
8.3
9
9.7
8.6
9
9.4
Output voltage
VI = 12 V to 24 V, IO = 1 mA to 40 mA
0
°C to 125°C
8.1
9.9
8.55
9.45
V
Output voltage
IO = 1 mA to 70 mA
0
°C to 125°C
8.1
9.9
8.55
9.45
V
Input
VI = 12 V to 24 V
25
°C
45
225
45
175
mV
Input
voltage regulation
VI = 13 V to 24 V
25
°C
40
175
40
125
mV
Ripple rejection
VI = 15 V to 25 V, f = 120 Hz
25
°C
36
45
38
45
dB
Output
IO = 1 mA to 100 mA
25
°C
19
90
19
90
mV
Output
voltage regulation
IO = 1 mA to 40 mA
25
°C
11
40
11
40
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
58
58
µV
Dropout voltage
25
°C
1.7
1.7
V
Bias current
25
°C
4.1
6
4.1
6
mA
Bias current
125
°C
5.5
5.5
mA
Bias
VI = 13 V to 24 V
0
°C to 125°C
1.5
1.5
mA
Bias
current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.2
0.1
mA
† Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output.
electrical characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA78L10AC
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNIT
VI = 13 V to 25 V,
IO = 1 mA to 40 mA
25
°C
9.6
10
10.4
Output voltage
VI = 13 V to 25 V,
IO = 1 mA to 40 mA
0
°C to 125°C
9.5
10.5
V
Output voltage
IO = 1 mA to 70 mA
0
°C to 125°C
9.5
10.5
V
Input voltage regulation
VI = 13 V to 25 V
25
°C
51
175
mV
Input voltage regulation
VI = 14 V to 25 V
25
°C
42
125
mV
Ripple rejection
VI = 15 V to 25 V,
f = 120 Hz
25
°C
37
44
dB
Output voltage regulation
IO = 1 mA to 100 mA
25
°C
20
90
mV
Output voltage regulation
IO = 1 mA to 40 mA
25
°C
11
40
mV
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
62
µV
Dropout voltage
25
°C
1.7
V
Bias current
25
°C
4.2
6
mA
Bias current
125
°C
5.5
mA
Bias current change
VI = 14 V to 25 V
0
°C to 125°C
1.5
mA
Bias current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.1
mA
† Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output.


Similar Part No. - UA78L08ACLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L08ACLP TI-UA78L08ACLP Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L08ACLP TI-UA78L08ACLP Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L08ACLP

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com