Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3401CX Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3401CX
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401CX Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM3401CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSM3401
30V P-Channel MOSFET
6/6
Version: A07
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any
intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of sale for
such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale
and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability,
or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for
any damages resulting from such improper use or sale.


Similar Part No. - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401CXRF TSC-TSM3401CXRF Datasheet
240Kb / 6P
   30V P-Channel MOSFET
TSM3401CXRFG TSC-TSM3401CXRFG Datasheet
261Kb / 7P
   P-Channel Power MOSFET
More results

Similar Description - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com