Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ070XZ5MZZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ070XZ5MZZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ5MZZ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ070XZ5MZZ Datasheet HTML 1Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 2Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 3Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 4Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 5Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 6Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 7Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
TCVref
RR
Unit
MAX.
TYP.
MIN.
1.225
1.275
IO
=5mA to 1A
VIN
=4 to 8V, IO=5mA
Tj
=0 to 125˚C, IO=5mA
0.2
0.2
±1.25
±1.0
2
1
(Unless otherwise specified, condition shall be VIN
=5V, VO=3V(R1=1kΩ), IO=0.3A, VC=2.7V, Ta=25˚C, (PQ070XZ5MZ) )
(Unless otherwise specified, condition shall be VIN
=5V, VO=3V(R1=1kΩ), IO=0.5A, VC=2.7V, Ta=25˚C, (PQ070XZ01Z) )
V
V
%
%
V
%
Input voltage range
Output voltage
Load regulation
Vref
IO
=5mA to 0.5A
1.5
7
2.35
10
Reference voltage
Line regulation
Reference voltage temperature coefficient
Ripple Rejection
*4
*4
Output on control voltage
Output off control voltage
Output off control current
Output off dissipation current
Output on control current
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iqs
IO=0A
IO=0A, VC=0.4V
VC=0.4V
2
200
0.8
2
V
µA
V
Dropout voltage
VI-O
60
Refer to Fig.2
VIN
=2.85V, IO=0.3mA
VIN
=2.85V, IO=0.5mA
45
dB
0.5
V
µA
µA
5
Quiescent current
Iq
IO=0A
1mA
2
*4 In case of opening control terminal
, output voltage turns off
PQ070XZ5MZ
PQ070XZ01Z
PQ070XZ5MZ
PQ070XZ01Z
2
s Electrical Characteristics
RL
IC
VC
Iq
IO
VO
Vref
+
0.33
µF
47
µF
R1
R2
1k
VIN
A
A
A
3
4
5
2
1
V
V
VO =Vref×(1+R2/R1)
.=.1.25×(1+R
2/R1)
[R1=1kΩ, Vref.=
.1.25V]
Fig.1
Standard Test Circuit
IO
RL
R2
VIN
Vref
VC
ei
eo
R1
1k
2.7V
+
+
3
1
2
4
5
0.33
µF
47
µF
VIN=5V
IO=0.3A
RR
=20log(ei(rms)/eo(rms))
f
=120Hz(sine wave)
ei(rms)
=0.5V
VO=3V(R1=1kΩ)
V
~
~
Fig.2
Test Circuit for Ripple Rejection


Similar Part No. - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XZ5MZZH SHARP-PQ070XZ5MZZH Datasheet
173Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com