Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP85U03GMT Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part No. AP85U03GMT
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-POWER [Advanced Power Electronics Corp.]
Homepage  http://www.a-power.com.tw
Logo 

AP85U03GMT Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3/4
AP85U03GMT
0
20
40
60
80
100
0.0
2.0
4.0
6.0
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
7 .0V
5.0V
4.5 V
V G =3.0V
0
40
80
120
160
200
0.0
2.0
4.0
6.0
8.0
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0 V
5.0V
4.5 V
V G = 3.0 V
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =20A
V G =10V
0
10
20
30
40
0
0.4
0.8
1.2
1.6
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
2
4
6
8
10
12
14
24
68
10
V GS , Gate-to-Source Voltage (V)
I D =20A
T C =25
o C
0.0
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn