Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800AT100ZA6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W800AT100ZA6T
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT100ZA6T Datasheet(HTML) 1 Page - STMicroelectronics

  M29W800AT100ZA6T Datasheet HTML 1Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 2Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 3Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 4Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 5Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 6Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 7Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 8Page - STMicroelectronics M29W800AT100ZA6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1/40
March 2004
M29W800AT
M29W800AB
8 Mbit (1Mb x8 or 512Kb x16, Boot Block)
Low Voltage Single Supply Flash Memory
FEATURES SUMMARY
2.7V to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ
OPERATIONS
ACCESS TIME: 80ns
PROGRAMMING TIME: 10µs typical
PROGRAM/ERASE CONTROLLER (P/E.C.)
Program Byte-by-Byte or Word-by-Word
Status Register bits and Ready/Busy
Output
SECURITY PROTECTION MEMORY AREA
INSTRUCTION ADDRESS CODING: 3 digits
MEMORY BLOCKS
Boot Block (Top or Bottom location)
Parameter and Main blocks
BLOCK, MULTI-BLOCK and CHIP ERASE
MULTI BLOCK PROTECTION/TEMPORARY
UNPROTECTION MODES
ERASE SUSPEND and RESUME MODES
Read and Program another Block during
Erase Suspend
LOW POWER CONSUMPTION
Stand-by and Automatic Stand-by
100,000 PROGRAM/ERASE CYCLES per
BLOCK
20 YEARS DATA RETENTION
Defectivity below 1ppm/year
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Top Device Code, M29W800AT: D7h
Bottom Device Code, M29W800AB: 5Bh
Figure 1. Packages
Figure 2. Logic Diagram
FBGA
TSOP48 (N)
12 x 20mm
SO44 (M)
TFBGA48 (ZA)
8 x 6 solder balls
AI02599
19
A0-A18
W
DQ0-DQ14
VCC
M29W800AT
M29W800AB
E
VSS
15
G
RP
DQ15A–1
BYTE
RB


Similar Part No. - M29W800AT100ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AT100ZA6T STMICROELECTRONICS-M29W800AT100ZA6T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AT100ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com