Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800AB80ZA6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29W800AB80ZA6T
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AB80ZA6T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29W800AB80ZA6T Datasheet HTML 2Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 3Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 4Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 5Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 6Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 7Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 8Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 9Page - STMicroelectronics M29W800AB80ZA6T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
M29W800AT, M29W800AB
6/40
Command Interface
Instructions, made up of commands written in cy-
cles, can be given to the Program/Erase Controller
through a Command Interface (C.I.). For added
data protection, program or erase execution starts
after 4 or 6 cycles. The first, second, fourth and
fifth cycles are used to input Coded cycles to the
C.I. This Coded sequence is the same for all Pro-
gram/Erase Controller instructions. The 'Com-
mand' itself and its confirmation, when applicable,
are given on the third, fourth or sixth cycles. Any
incorrect command or any improper command se-
quence will reset the device to Read Array mode.
Instructions
Seven instructions are defined to perform Read
Array, Auto Select (to read the Electronic Signa-
ture or Block Protection Status), Program, Block
Erase, Chip Erase, Erase Suspend and Erase Re-
sume.
The internal P/E.C. automatically handles all tim-
ing and verification of the Program and Erase op-
erations. The
Status Register Data Polling,
Toggle, Error bits and the RB output may be read
at any time, during programming or erase, to mon-
itor the progress of the operation.
Instructions are composed of up to six cycles. The
first two cycles input a Coded sequence to the
Command Interface which is common to all in-
structions (see Table 8).
The third cycle inputs the instruction set-up com-
mand. Subsequent cycles output the addressed
data, Electronic Signature or Block Protection Sta-
tus for Read operations. In order to give additional
data protection, the instructions for Program and
Block or Chip Erase require further command in-
puts. For a Program instruction, the fourth com-
mand cycle inputs the address and data to be
programmed. For an Erase instruction (Block or
Chip), the fourth and fifth cycles input a further
Coded sequence before the Erase confirm com-
mand on the sixth cycle. Erasure of a memory
block may be suspended, in order to read data
from another block or to program data in another
block, and then resumed. When power is first ap-
plied or if VCC falls below VLKO, the command in-
terface is reset to Read Array.
Figure 3. TSOP Connections
Figure 4. SO Connections
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A8
A9
DQ13
A17
A10
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
NC
NC
AI02179
M29W800T
M29W800B
12
1
13
24
25
36
37
48
DQ8
NC
NC
A1
A18
A4
A5
DQ1
DQ11
G
A12
A13
A16
A11
BYTE
A15
A14
VSS
E
A0
RP
VSS
G
DQ0
DQ8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
DQ7
A12
A16
BYTE
DQ15A–1
DQ5
DQ2
DQ3
VCC
DQ11
DQ4
DQ14
A9
W
RB
A4
RP
A7
AI02181
M29W800T
M29W800B
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
DQ1
DQ9
A6
A5
DQ6
DQ13
44
39
38
37
36
35
34
33
A11
A10
DQ10
21
DQ12
40
43
1
42
41
A17
A8
A18


Similar Part No. - M29W800AB80ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AB80ZA6T STMICROELECTRONICS-M29W800AB80ZA6T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AB80ZA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com