Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1086CMXXRN Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS1086CMXXRN
Description  1.5A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086CMXXRN Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS1086CMXXRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1086CMXXRN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
7/9
Version: A07
TO-252 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CP = TO-252)
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.3BSC
0.09BSC
A1
4.6BSC
0.18BSC
B
6.80
7.20
0.268
0.283
C
5.40
5.60
0.213
0.220
D
6.40
6.65
0.252
0.262
E
2.20
2.40
0.087
0.094
F
0.00
0.20
0.000
0.008
G
5.20
5.40
0.205
0.213
G1
0.75
0.85
0.030
0.033
G2
0.55
0.65
0.022
0.026
H
0.35
0.65
0.014
0.026
I
0.90
1.50
0.035
0.059
J
2.20
2.80
0.087
0.110
K
0.50
1.10
0.020
0.043
L
0.90
1.50
0.035
0.059
M
1.30
1.70
0.051
0.67


Similar Part No. - TS1086CMXXRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086CM TSC-TS1086CM Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CM1.8 TSC-TS1086CM1.8 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CM18 TSC-TS1086CM18 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CM2.5 TSC-TS1086CM2.5 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CM25 TSC-TS1086CM25 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1086CMXXRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com