Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC245MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ALVC245MTC
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC245MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ALVC245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC245MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ALVC245 Rev. 1.3.0
5
Capacitance
AC Loading and Waveforms
Figure 1. AC Test Circuit
Table 1. Values for Figure 1
Table 2. Variable Matrix
(Input Characteristics: f
= 1MHz; t
r = tf = 2ns; Z0 = 50Ω)
Figure 2. Waveform for Inverting and
Non-Inverting Functions
Figure 3. 3-STATE Output Low Enable and Disable
Times for Low Voltage Logic
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
Control
VI = 0V or VCC
3.3
3
pF
CI/O
Input/ Output Capacitance
A or B Ports
VI = 0V or VCC
3.3
6
CPD
Power Dissipation
Capacitance
Outputs Enabled
f
= 10MHz, C
L = 0pF
3.3
30
pF
2.5
27
1.8
25
Outputs Disabled
f
= 10MHz, C
L = 0pF
3.3
0
2.5
0
1.8
0
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
1.5V
VCC / 2
VCC / 2
Vmo
1.5V
1.5V
VCC / 2
VCC / 2
VX
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VY
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V
VL
6V
6V
VCC x 2
VCC x 2


Similar Part No. - 74ALVC245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC245MTC FAIRCHILD-74ALVC245MTC Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245MTCX_NL FAIRCHILD-74ALVC245MTCX_NL Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com