Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800AT100M5T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29W800AT100M5T
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT100M5T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29W800AT100M5T Datasheet HTML 14Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 15Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 16Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 17Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 18Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 19Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 20Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 21Page - STMicroelectronics M29W800AT100M5T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
M29W800AT, M29W800AB
18/40
DC AND AC CHARACTERISTICS
Figure 6. AC Testing Input Output Waveform
Table 12. AC Measurement Conditions
Figure 7. AC Testing Load Circuit
Table 13. Capacitance (1) (TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Table 14. DC Characteristics
(TA = 0 to 70°C, –20 to 85°C or –40 to 85°C; VCC = 2.7V to 3.6V)
Note: 1. Sampled only, not 100% tested.
Input Rise and Fall Times
≤10ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
AI01417
3V
0V
1.5V
AI01968
0.8V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Symbol
Parameter
Test Condition
Min
Typ.
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read by Word)
E = VIL, G = VIH, f = 6MHz
310
mA
ICC2
Supply Current (Read by Word)
E = VIL, G = VIL, f = 6MHz
4.5
10
mA
ICC3
Supply Current (Stan-by)
E = VCC ±0.2V
30
100
µA
ICC4
(1)
Supply Current
(Program or Erase)
Byte program, Block or
Chip Erase in progress
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage CMOS
IOH = –100µA
VCC –0.4V
V
VID
A9 Voltage (Electronic Signature)
11.5
12.5
V
IID
A9 Current (Electronic Signature)
A9 = VID
30
100
µA
VLKO
(1)
Supply Voltage (Erase and
Program lock-out)
2.0
2.3
V


Similar Part No. - M29W800AT100M5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AT100M5T STMICROELECTRONICS-M29W800AT100M5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AT100M5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com