Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2101 Datasheet(PDF) 59 Page - Texas Instruments

Part # TSC2101
Description  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TSC2101_08 Datasheet HTML 55Page - Texas Instruments TSC2101_08 Datasheet HTML 56Page - Texas Instruments TSC2101_08 Datasheet HTML 57Page - Texas Instruments TSC2101_08 Datasheet HTML 58Page - Texas Instruments TSC2101_08 Datasheet HTML 59Page - Texas Instruments TSC2101_08 Datasheet HTML 60Page - Texas Instruments TSC2101_08 Datasheet HTML 61Page - Texas Instruments TSC2101_08 Datasheet HTML 62Page - Texas Instruments TSC2101_08 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
www.ti.com
59
REGISTER 04H: Audio Control 2
BIT
NAME
RESET
VALUE
READ/
WRITE
FUNCTION
D15
KCLEN
0
R/W
Keyclick Enable
0 => Keyclick Disabled
1 => Keyclick Enabled
Note: This bit is automatically cleared after giving out the keyclick signal length equal to the
programmed value.
D14−D12
KCLAC
100
R/W
Keyclick Amplitude Control
000 => Lowest Amplitude
….
100 => Medium Amplitude
….
111 => Highest Amplitude
D11
APGASS
0
R/W
Headset/Aux or Handset PGA Soft−stepping control
0 => 0.5 dB change every WCLK or ADWS
1 => 0.5 dB change every 2 WCLK or 2 ADWS
When AGC is enabled for Headset/Aux or Handset, this bit is read only and acts as Noise Threshold
Flag. The read value indicates the following
0 => signal power greater than noise threshold
1 => signal power is less than noise threshold
D10−D8
KCLFRQ
100
R/W
Keyclick Frequency
000 => 62.5 Hz
001 => 125 Hz
010 => 250 Hz
011 => 500 Hz
100 => 1 kHz
101 => 2 kHz
110 => 4 kHz
111 => 8 kHz
D7−D4
KCLLN
0001
R/W
Keyclick Length
0000 => 2 periods key click
0001 => 4 periods key click
0010 => 6 periods key click
0011 => 8 periods key click
0100 => 10 periods key click
0101 => 12 periods key click
0110 => 14 periods key click
0111 => 16 periods key click
1000 => 18 periods key click
1001 => 20 periods key click
1010 => 22 periods key click
1011 => 24 periods key click
1100 => 26 periods key click
1101 => 28 periods key click
1110 => 30 periods key click
1111 => 32 periods key click
D3
DLGAF
0
R
DAC Left Channel PGA Flag
0 => Gain applied ≠ PGA register setting
1 => Gain applied = PGA register setting.
Note: This flag indicates when the soft−stepping for DAC left channel is completed
D2
DRGAF
0
R
DAC Right Channel PGA Flag
0 => Gain applied ≠ PGA register setting
1 => Gain applied = PGA register setting.
Note: This flag indicates when the soft−stepping for DAC right channel is completed


Similar Part No. - TSC2101_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2101_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com