Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM1106M Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # SCM1106M
Description  High Voltage 3 Phase Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM1106M Datasheet(HTML) 4 Page - Allegro MicroSystems

  SCM1106M Datasheet HTML 1Page - Allegro MicroSystems SCM1106M Datasheet HTML 2Page - Allegro MicroSystems SCM1106M Datasheet HTML 3Page - Allegro MicroSystems SCM1106M Datasheet HTML 4Page - Allegro MicroSystems SCM1106M Datasheet HTML 5Page - Allegro MicroSystems SCM1106M Datasheet HTML 6Page - Allegro MicroSystems SCM1106M Datasheet HTML 7Page - Allegro MicroSystems SCM1106M Datasheet HTML 8Page - Allegro MicroSystems SCM1106M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
High Voltage 3 Phase Motor Driver
SCM1106M
4
Input Output Truth Table
HIN
LIN
OUT
L
L
High Z
LH
L
HL
H
H
H
High Z
High Z = High Impedence
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
16.5
V
Logic Supply Current
ICC
VCC = 15 V, 3 phases operating
5
8
mA
Input Voltage
VIH
VCC = 15 V, output on
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.5
V
Input Current
IIHH
VCC = 15 V, VIN = 5 V
50
100
μA
IILH
VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out (High Side)
UVHL
VCC = 15 V
10.0
12.0
V
UVHH
10.5
12.5
V
Undervoltage Lock Out (Low Side)
UVLL
VCC = 15 V
10.5
12.5
V
UVLH
11.0
13.0
V
FO Terminal Output Voltage
VFOL
VCC = 15 V, VFO = 5 V, RF=10 kΩ
0.5
V
VFOH
4.8
V
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.46
0.50
0.54
V
Overcurrent Protection Hold Time
tp
VCC = 15 V, CFO = 0.022 μF2
ms
Blanking Time
tblank
VCC = 15 V
2
μs
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 250 μA, VIN = 0 V
600
V
IGBT Leakage Current
ICES
VCC = 15 V, VCE = 600 V, VIN = 0 V
1
mA
IGBT Saturation Voltage
VCE(sat)
VCC = 15 V, IC =10 A, VIN = 5 V
2.2
2.6
V
Diode Forward Voltage
VF
VCC = 15 V, IF = 10 A, VIN = 0 V
1.8
2.2
V
Diode Recovery Time
trr
IF = 10 A, di / dt = 100 A/μs
50
ns
Diode Leakage Current (Boot Strap)
ILb
VR = 600 V
5
10
μA
Diode Forward Voltage (Boot Strap)
VFb
IF = 0.15 A
1.1
1.3
V
Diode Series Resistor (Boot Strap)
Rb
17.6
22.0
26.4
Ω
High Side Switching Time
tdH(on)
VBB = 300 V, VCC = 15V, IC =10 A, inductive load;
VIN 0→5 V or 5→0 V
0.42
μs
trH
0.09
μs
tdH(off)
0.53
μs
tfH
0.07
μs
Low Side Switching Time
tdL(on)
0.49
μs
trL
0.15
μs
tdL(off)
0.62
μs
tfL
0.06
μs
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SCM1106M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SCM1100M SANKEN-SCM1100M Datasheet
120Kb / 4P
   Support for 3-shunt, Output Element : IGBT
SCM1101M SANKEN-SCM1101M Datasheet
403Kb / 12P
   High Voltage 3-Phase Motor Driver
SCM1103M SANKEN-SCM1103M Datasheet
403Kb / 12P
   High Voltage 3 Phase Motor Driver
SCM1104M SANKEN-SCM1104M Datasheet
403Kb / 12P
   High Voltage 3 Phase Motor Driver
SCM1105MF SANKEN-SCM1105MF Datasheet
409Kb / 12P
   High Voltage 3 Phase Motor Driver
More results

Similar Description - SCM1106M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com