Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS317L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS317L_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS317L
3-Terminal Adjustable Positive Voltage Regulator
2/11
Version: B07
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
-20~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Electrical Characteristics
(VI -VO = 5.0 V, Io=40mA; TJ =TLOW to THIGH see [Note 1]; Pmax per [Note 2]; unless otherwise specified.)
Parameter
Figure
Symbol
Min.
Typ.
Max.
Unit
Reference voltage, 3V ≤ Vi-Vo ≤ 40V
10mA ≤ Io ≤ Imax, Pd ≤ Pmax,
3
Vref
1.20
1.25
1.30
V
Line regulation (Note 3)
Ta = 25
oC, 3V≤Vi-Vo≤40V
1
REGline
--
0.01
0.07
%/V
Load regulation Ta = 25
oC, 10mA ≤ IO ≤ Imax (Note 3)
VO ≤ 5.
2
REGload
--
--
5.0
0.1
25
0.5
mV
%V
Thermal regulation, Ta = 25
oC (Note 6), 20mS Pulse
REGtherm
--
0.03
0.07
%Vo/W
Adjustment pin current
3
Iadj
--
50
100
uA
Adjustment pin current change, 3V ≤ VI - VO ≤ 40V
10mA ≤ Io ≤ Imax, Pd ≤ Pmax,
1.2
ΔIadj
--
0.2
5.0
uA
Maximum output current
VI - VO ≤ 6.25V, Pd ≤ Pmax (TO-92 package)
VI - VO ≤ 40V, Pd ≤ Pmax, Ta = 25
oC (TO-92
package)
3
Imax
100
--
200
20
--
--
mA
Temperature stability (TLOW ≤ Tj ≤ THIGH)
3
TS
--
1
--
% Vo
Minimum load current to maintain regulation
(VI - VO = 40 V)
3
ILmin
--
3.5
10
mA
RMS Noise, % of VO, Ta =25
oC, 10Hz ≤ f ≤ 10KHz
N
--
0.003
--
% Vo
Ripple Rejection, Vo =10V, f =120Hz (Note 4)
Without Cadj
Cadj = 10uF
4
PSRR
--
66
65
80
--
--
dB
Long-term stability (Note 5), Tj = THIGH
Ta =25
oC for endpoint measurements,1000hrs
3
S
--
0.3
1.0
%
Notes:
1. TLOW to THIGH = -20
oC to +125oC
2. Pmax is internally limited
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty cycle is used.
4. Cadj, when used, is connected between the adjustment pin and ground.
5. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering
estimate of average stability from lot to lot.
6. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC
components on the die. These effects can be minimized by proper integrated circuit design and layout techniques.
Thermal Regulation in the effect of these temperature gradients on the output voltage and is expressed in the
percentage of output change per watt of power change in a specified time.


Similar Part No. - TS317L_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
More results

Similar Description - TS317L_07

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com