Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M29W800AT Datasheet(PDF) 10 Page - STMicroelectronics

Part No. M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29W800AT_04 Datasheet HTML 6Page - STMicroelectronics M29W800AT_04 Datasheet HTML 7Page - STMicroelectronics M29W800AT_04 Datasheet HTML 8Page - STMicroelectronics M29W800AT_04 Datasheet HTML 9Page - STMicroelectronics M29W800AT_04 Datasheet HTML 10Page - STMicroelectronics M29W800AT_04 Datasheet HTML 11Page - STMicroelectronics M29W800AT_04 Datasheet HTML 12Page - STMicroelectronics M29W800AT_04 Datasheet HTML 13Page - STMicroelectronics M29W800AT_04 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
M29W800AT, M29W800AB
10/40
DEVICE OPERATIONS
See Table 4., User Bus Operations (1), Table
5., Read Electronic Signature (following AS in-
struction or with A9 = VID) and Table 6., Read
Block Protection with AS Instruction.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register or the Block Protection
Status. Both Chip Enable E and Output Enable G
must be low in order to read the output of the mem-
ory. A new operation is initiated either on the fol-
lowing edge of Chip Enable E or on any address
transition with E at VIL.
Write. Write operations are used to give Instruc-
tion Commands to the memory or to latch input
data to be programmed. A write operation is initi-
ated when Chip Enable E is Low and Write Enable
W is Low with Output Enable G High. Addresses
are latched on the falling edge of W or E whichever
occurs last. Commands and Input Data are
latched on the rising edge of W or E whichever oc-
curs first.
Output Disable. The data outputs are high im-
pedance when the Output Enable G is High with
Write Enable W High.
Stan-by. The memory is in stan-by when Chip
Enable E is High and the P/E.C. is idle. The power
consumption is reduced to the stan-by level and
the outputs are high impedance, independent of
the Output Enable G or Write Enable W inputs.
Automatic Stan-by. After 150ns of bus inactivity
(no address transition, CE = VIL) and when CMOS
levels are driving the addresses, the chip automat-
ically enters a pseudo-stan-by mode where con-
sumption is reduced to the CMOS stan-by value,
while outputs still drive the bus (if G = VIL).
Electronic Signature. Two codes identifying the
manufacturer and the device can be read from the
memory. The manufacturer's code for STMicro-
electronics is 20h, the device code is D7h for the
M29W800AT
(Top
Boot)
and
5Bh
for
the
M29W800AB (Bottom Boot). These codes allow
programming equipment or applications to auto-
matically match their interface to the characteris-
tics of the M29W800A. The Electronic Signature is
output by a Read operation when the voltage ap-
plied to A9 is at VID and address inputs A1 is Low.
The manufacturer code is output when the Ad-
dress input A0 is Low and the device code when
this input is High. Other Address inputs are ig-
nored. The codes are output on DQ0-DQ7.
The Electronic Signature can also be read, without
raising A9 to VID, by giving the memory the In-
struction AS. If the Byte-wide configuration is se-
lected the codes are output on DQ0-DQ7 with
DQ8-DQ14 at High impedance; if the Word-wide
configuration is selected the codes are output on
DQ0-DQ7 with DQ8-DQ15 at 00h.
Block Protection. Each block can be separately
protected against Program or Erase on program-
ming equipment. Block protection provides addi-
tional data security, as it disables all program or
erase operations. This mode is activated when
both A9 and G are raised to VID and an address in
the block is applied on A12-A18. Block protection
is initiated on the edge of W falling to VIL. Then af-
ter a delay of 100µs, the edge of W rising to VIH
ends the protection operations. Block protection
verify is achieved by bringing G, E, A0 and A6 to
VIL and A1 to VIH, while W is at VIH and A9 at VID.
Under these conditions, reading the data output
will yield 01h if the block defined by the inputs on
A12-A18 is protected. Any attempt to program or
erase a protected block will be ignored by the de-
vice.
Block Temporary Unprotection. Any previously
protected block can be temporarily unprotected in
order to change stored data. The temporary un-
protection mode is activated by bringing RP to VID.
During the temporary unprotection mode the pre-
viously protected blocks are unprotected. A block
can be selected and data can be modified by exe-
cuting the Erase or Program instruction with the
RP signal held at VID. When RP is returned to VIH,
all the previously protected blocks are again pro-
tected.
Block Unprotection. All protected blocks can be
unprotected on programming equipment to allow
updating of bit contents. All blocks must first be
protected before the unprotection operation. Block
unprotection is activated when A9, G and E are at
VID and A12, A15 at VIH. Unprotection is initiated
by the edge of W falling to VIL. After a delay of
10ms, the unprotection operation will end. Unpro-
tection verify is achieved by bringing G and E to
VIL while A0 is at VIL, A6 and A1 are at VIH and A9
remains at VID. In these conditions, reading the
output data will yield 00h if the block defined by the
inputs A12-A18 has been successfully unprotect-
ed. Each block must be separately verified by giv-
ing its address in order to ensure that it has been
unprotected.


Similar Part No. - M29W800AT_04

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
M29W800AT100M1T STMICROELECTRONICS-M29W800AT100M1T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AT100M5T STMICROELECTRONICS-M29W800AT100M5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AT100M6T STMICROELECTRONICS-M29W800AT100M6T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AT100N1T STMICROELECTRONICS-M29W800AT100N1T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AT100N5T STMICROELECTRONICS-M29W800AT100N5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AT_04

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz