Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM100SZ-6S Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RM100SZ-6S
Description  MEDIUM POWER GENERAL USE NON-INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM100SZ-6S Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RM100SZ-6S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM100SZ-6S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM100SZ-6S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
PERFORMANCE CURVES
MAXIMUM FORWARD CHARACTERISTIC
ALLOWABLE SURGE
(NON-REPETITIVE) FORWARD CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE (V)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
(JUNCTION TO CASE)
MAXIMUM POWER DISSIPATION
TIME (s)
AVERAGE FORWARD CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. AVERAGE FORWARD CURRENT
AVERAGE FORWARD CURRENT (A)
–3
10
–2
10
–1
10
0
10
0
10
1
10
4
10
3
10
2
10
1
10
70
50
30
20
7
5
3
2
0
400
2000
800
1200
1600
10
1
100
5
7
5
3
2
7
5
3
2
7
5
3
2
0.200
0
7
3
2
0.025
0.050
0.075
0.100
0.125
0.150
0.175
7
5
3
2
7
5
3
2
7
5
3
2
0.8
1.0
1.8
1.4
1.2
1.6
Tj=25°C
160
0
0
60
100
20
40
80
120
140
20
60
100
40
80
160
60
0
60
100
20
80
40
100
120
140
80
RESISTIVE, INDUCTIVE LOAD
RESISTIVE, INDUCTIVE LOAD
MITSUBISHI DIODE MODULES
RM100SZ-6S,-6R
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE


Similar Part No. - RM100SZ-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM100 MITSUBISHI-RM100 Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
logo
C&K Components
RM100 CK-COMPONENTS-RM100 Datasheet
496Kb / 3P
   Subminiature Rotary Switches
logo
Littelfuse
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
   The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
C&K Components
RM10000-2-B-C-B CK-COMPONENTS-RM10000-2-B-C-B Datasheet
228Kb / 3P
   Subminiature Rotary Switches
2018
logo
Mitsubishi Electric Sem...
RM1000DC-66F MITSUBISHI-RM1000DC-66F Datasheet
219Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - RM100SZ-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM60SA-6 MITSUBISHI-TM60SA-6 Datasheet
51Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM150SA-6 MITSUBISHI-TM150SA-6 Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM60SZ-M MITSUBISHI-TM60SZ-M Datasheet
52Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM90SA-6 MITSUBISHI-TM90SA-6 Datasheet
52Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM100SZ-M MITSUBISHI-TM100SZ-M Datasheet
54Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM60SZ-6S MITSUBISHI-RM60SZ-6S Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com