Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8481 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8481
Description  Dual Output Boost Regulator Using Single Inductor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8481 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8481 Datasheet HTML 1Page - Allegro MicroSystems A8481 Datasheet HTML 2Page - Allegro MicroSystems A8481 Datasheet HTML 3Page - Allegro MicroSystems A8481 Datasheet HTML 4Page - Allegro MicroSystems A8481 Datasheet HTML 5Page - Allegro MicroSystems A8481 Datasheet HTML 6Page - Allegro MicroSystems A8481 Datasheet HTML 7Page - Allegro MicroSystems A8481 Datasheet HTML 8Page - Allegro MicroSystems A8481 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Approximate Scale 1:1
A8481
SW
CAP
OUT1
ISET
ON1
GND
FB1
VIN
OUT2
ON2
CIN
10
9
8
7
6
L1
D1
VOUT
R1
R2
RSET
COUT
VSUPPLY
5
4
3
2
1
Figure 1a. Typical application circuit for A8481
driving OLED and three WLEDs
Figure 1b. OUT2 current dimming with PWM on
ISET pin, with parallel resistor
A8481
SW
CAP
OUT1
ISET
ON1
GND
FB1
VIN
OUT2
ON2
CIN
10
9
8
7
6
L1
D1
R1
R2
RSET
RP
PWM
Q1
COUT
VSUPPLY
5
4
3
2
1
VOUT
Description
The A8481 is a step-up dc-to-dc converter in a thermally-
enhanced MLP package. A constant 1.2 MHz switching
frequency, with current-mode control scheme, provides stable
low-noise operation at high load conditions.
TheA8481 is a dual output OLED + WLED driver. This device
is suitable for driving OLED bias supply as well as WLEDs
for backlight. For OLED it is capable of delivering 80 mA at
18 V, and can drive five WLEDs at 20 mA.
Independent output control and output disconnect make this
IC ideally suited for battery operated, dual display portable
applications. The IC disconnects input from the output path
during shutdown, allowing shutdown currents less than 1 μA.
TheA8481 is available in a 10-pin 3 mm × 3 mm MLP package
that has a nominal height of only 0.75 mm.
Applications include:
▪ Dual-panel cellular phone with OLED and
WLED backlight
▪ Personal Digital Assistant (PDA)
▪ Camcorder, personal stereo, MP3 player, camera
8481-DS, Rev. 2
Features and Benefits
▪ Two independently controlled channels for dual display
▪ Output voltage up to 23 V
▪ 2.7 to 9 V input
▪ Output disconnect allows less than 1 μA supply current
during shutdown
▪ Single-pin dimming control for WLED
▪ 1.2 MHz switching frequency
▪ 1.5 A switch current limit
▪ OVP, Pulse-by-Pulse OCP, OTP, and Soft Start
Dual Output Boost Regulator Using Single Inductor
Package: 10 pin MLP/DFN (suffix EJ) with
exposed thermal pad
A8481
Typical Applications
Additional applications on page 11


Similar Part No. - A8481

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480ECGLT-Tb ALLEGRO-A8480ECGLT-Tb Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480EEJTR-T ALLEGRO-A8480EEJTR-T Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8483 ALLEGRO-A8483 Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483 ALLEGRO-A8483 Datasheet
288Kb / 10P
   1.2 MHz Step-up Converter for Display Bias Supply
More results

Similar Description - A8481

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com