Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8481 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8481
Description  Dual Output Boost Regulator Using Single Inductor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8481 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8481 Datasheet HTML 1Page - Allegro MicroSystems A8481 Datasheet HTML 2Page - Allegro MicroSystems A8481 Datasheet HTML 3Page - Allegro MicroSystems A8481 Datasheet HTML 4Page - Allegro MicroSystems A8481 Datasheet HTML 5Page - Allegro MicroSystems A8481 Datasheet HTML 6Page - Allegro MicroSystems A8481 Datasheet HTML 7Page - Allegro MicroSystems A8481 Datasheet HTML 8Page - Allegro MicroSystems A8481 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual Output Boost Regulator Using Single Inductor
A8481
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
3 mA
10 mA
20 mA
40 mA
60 mA
80 mA
55
65
60
70
75
80
85
2468
10
VIN (V)
80
mA = Full Brightness
Dimming Level
45
65
60
55
50
70
75
80
85
2468
10
VIN (V)
12 mA
4 mA
20 mA (Full Brightness)
Dimming Level
(mA)
Efficiency with OUT1 off, OUT2 on, 5 WLEDs
Over range of dimming levels, LED voltage drop at 20 mA = 16.3 V
45
65
60
55
50
70
75
80
85
2468
10
VIN (V)
12 mA
4 mA
20 mA (Full Brightness)
Dimming Level
(mA)
Efficiency with OUT1 on, OUT2 off
VOUT1=16 V
Efficiency with OUT2 on, OUT1 off, 3 WLEDs
Over range of dimming levels, LED voltage drop at 20 mA = 9 V
Performance Characteristics
Tests performed using application circuit shown in figure 1(a)
L1 =4.7 μH, CIN= COUT=1 μF, TA=25°C, VIN = 3 V (unless otherwise noted)


Similar Part No. - A8481

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480ECGLT-Tb ALLEGRO-A8480ECGLT-Tb Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480EEJTR-T ALLEGRO-A8480EEJTR-T Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8483 ALLEGRO-A8483 Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483 ALLEGRO-A8483 Datasheet
288Kb / 10P
   1.2 MHz Step-up Converter for Display Bias Supply
More results

Similar Description - A8481

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com