Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4684ITP-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT4684ITP-T1
Description  Over-Voltage Protection Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4684ITP-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT4684ITP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AAT4684
Over-Voltage Protection Switch
OVPSwitchTM
PRODUCT DATASHEET
10
4684.2007.11.1.1
www .analogictech.com
R2 (KΩ)
R1 (KΩ)
VOVP Setting (V)
110
487
6.0
110
536
6.5
110
787
9.0
110
1050
11.5
110
1300
14.0
110
1540
16.5
110
1780
19.0
110
2050
21.5
110
2320
24.0
110
2550
26.5
Table 1: Recommended OVP Setting for AAT4684 Adjustable Version1.
10
Ω
LOAD
1
2
3
4
8
7
6
5
Vin
Fault
Vout
AAT4684
SCOPE
gnd
OVP
GND
+12V
+5V
Figure 1: Over-Voltage Protection Response Time Test Circuit.
Time (200µs/div)
VOUT
(5V/div)
VIN
(5V/div)
OVP
(50mV/div)
FLT
(2V/div)
OVP Trip Point (1.1V)
12V
Output Load = 10Ω
COUT = 1µF
Time (500ns/div)
VOUT
(100mV/div)
OVP
(200mV/div)
FLT
(2V/div)
0.7µs
Output Load = 10Ω
No COUT
1.23V
5V
1.03V
Figure 2: Typical Over-Voltage Response Time.
Figure 3: Typical Over-Voltage Response Time
[zoom in].
1. Mimimum OVP voltage setting = 5V.


Similar Part No. - AAT4684ITP-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4684 SKYWORKS-AAT4684 Datasheet
708Kb / 14P
   available in tsopjw-12 package
More results

Similar Description - AAT4684ITP-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Kinetic Technologies.
KTS1670 KINETIC-KTS1670 Datasheet
462Kb / 11P
   Adjustable Over-Voltage Protection Switch
May 2018 - Revision 04b
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com