Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AAT3164 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part No. AAT3164
Description  High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3164 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
TDFN34-16
(Top View)
RSET
EN/SET
C1+
D5
D6
3
C1-
OUT
C2+
D2
D1
GND
D4
D3
IN
GND
C2-
4
5
1
2
6
7
8
14
13
12
16
15
11
10
9
Pin #
Symbol
Function
1
D5
Current sink input #5.
2
D6
Current sink input #6.
3
RSET
Connect resistor here to set maximum output current level. 1% resistor is recommended.
4
EN/SET
Enable Input or S2Cwire serial interface control.
5
C1+
Flying Capacitor 1 positive terminal. Connect a 1µF ceramic capacitor between C1+ and C1-.
6
C1-
Flying Capacitor 1 negative terminal.
7
OUT
Charge pump output to drive load circuit. Requires 1µF ceramic capacitor connected between
this pin and ground.
8
C2+
Flying Capacitor 2 positive terminal. Connect a 1µF ceramic capacitor between C2+ and C2-.
9
C2-
Flying Capacitor 2 negative terminal.
10, 12
GND
Ground.
11
IN
Input power supply. Requires 1µF ceramic capacitor connected between this pin and ground.
13
D1
Current sink input #1.
14
D2
Current sink input #2.
15
D3
Current sink input #3.
16
D4
Current sink input #4.
EP
Exposed paddle; connect to GND directly beneath the package.
AAT3164
High Efficiency 1X/1.5X/2X Charge Pump for
Six-Channel White LED Applications
2
3164.2006.07.1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn