Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2830 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT2830
Description  800mA Total Display Solution for Portable Devices
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2830 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT2830 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2830 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AAT2830/31
800mA Total Display Solution
for Portable Devices
2830.2007.09.1.0
3
1. Stresses above those listed in Absolute Maximum Ratings may cause damage to the device. Functional operation at conditions other
than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board (FR4, in still air).
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Characteristics
2
Recommended Operating Conditions
Symbol
Description
Value
Units
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Value
Units
θ
JA
Maximum Thermal Resistance
50
°C/W
P
D
Maximum Power Dissipation
2.0
W
Symbol
Description
Value
Units
V
N
[OUT, IN, BL1-BL6, FL1-FL4, R, G, B] to GND
-0.3 to 6.0
V
V
N
[C1+, C2+] to GND
-0.3 to V
OUT + 0.3
V
V
N
[EN/SET, CT, BSET, C1-, C2-] to GND
-0.3 to V
IN + 0.3
V
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C


Similar Part No. - AAT2830

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
AAT2833IBK-T1 ANALOGICTECH-AAT2833IBK-T1 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
AAT2834 ANALOGICTECH-AAT2834 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
AAT2834IBK-T1 ANALOGICTECH-AAT2834IBK-T1 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
More results

Similar Description - AAT2830

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
   800mA Total Display Solution for Portable Devices
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com