Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4270CP550 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS4270CP550
Description  5V Ultra Low Dropout Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4270CP550 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS4270CP550 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS4270CP550 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary
TS4270
5V Ultra Low Dropout Fixed Voltage Regulator
5/9
Version: A07
Reset Time Response
Electrical Characteristics Curve
FIGURE 1 – Line Regulation
FIGURE 2 – Load Regulation
FIGURE 3 – Current Consumption vs. Input Voltage
FIGURE 4 – Dropout Voltage


Similar Part No. - TS4270CP550

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274 TSC-TS4274 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
TS4274CM TSC-TS4274CM Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP TSC-TS4274CP Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP50RO TSC-TS4274CP50RO Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS4270CP550

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com