Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39200CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39200CZ
Description  2A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39200CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39200CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39200CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS39200/1/2/3/4/5
2A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/12
Version: B07
TO-220
TO-263
(D
2PAK)
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
The TS39200/1/2/3/4/5 are 2A ultra low dropout linear voltage regulators that provide low voltage, high current output
with a minimum of external components. The TS39200/1/2/3/4/5 offers extremely low dropout (typically 600mV at 2A)
and low quiescent current (typically 30mA at 2A).
The TS39200/1/2/3/4/5 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V.
A guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39200/1/2/3/4/5 to
provide 2.5V from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. The TS39200/1/2/3/4/5 also has
fast transient response for heavy switching applications. The device requires only 47uF of output capacitor to
maintain stability and achieve fast transient response.
On the TS39200/1/2/3/4/5, the enable pin may be tied to input voltage if it is not required for enable control.
Features
Dropout voltage typically 0.6V @Io=2A
Output Current up to 2A
Low Ground Current
Extremely Fast Transient Response
Current Limit & Thermal Shutdown
Reversed Leakage & Reverse Battery Protection
Error Flag Signals Output (TS39201 only)
Adjustable Version (TS39202 & TS39205 only)
Output Voltage Sense (TS39203 only)
Application
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Low Voltage Microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39200CZxx C0
TO-220
50pcs / Tube
TS39200CMxx RN
TO-263
800pcs / 13” Reel
TS39201CZ5xx C0
TO-220-5L
50pcs / Tube
TS39201CM5xx RN
TO-263-5L
800pcs / 13” Reel
TS39202CZ5 C0
TO-220-5L
50pcs / Tube
TS39202CM5 RN
TO-263-5L
800pcs / 13” Reel
TS39203CZxx C0
TO-220-5L
50pcs / Tube
TS39203CMxx RN
TO-263-5L
800pcs / 13” Reel
TS39204CZxx C0
TO-220-5L
50pcs / Tube
TS39204CMxx RN
TO-263-5L
800pcs / 13” Reel
TS39205CZ5 C0
TO-220-5L
50pcs / Tube
TS39205CM5 RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5V, 33=3.3V, 25=2.5V, 18=1.8V, 15=1.5V
Contact to factory for addition output voltage option.
Pin Definition:
TS39201xx
TS39202
TS39203xx
TS39204xx
TS39205
1. Enable
1. Enable
1. Enable
1. Input
1. Input
2. Input
2. Input
2. Input
2. Enable
2. Enable
3. Ground
3. Ground
3. Ground
3. Output
3. Output
4. Output
4. Output
4. Output
4. N/C
4. Adjust
5. Flag
5. Adjust
5. Sense
5. Ground
5. Ground
Pin Definition:
TS39200
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS39200CZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
   LOWPOWER SINGLE VOLTAGE COMPARATORS
TS391 STMICROELECTRONICS-TS391 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
   Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
More results

Similar Description - TS39200CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com