Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3063 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063
Description  800mA/180kHz Dc to Dc Converter Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS3063 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
5/9
Version: A07
Typical Application Circuit (Continue)
Step-Up Converter
Quick Design Component Selection Table for 5V output version
L
(uH)
Cout
(uF)
CT
(pF)
Vin
(V)
Iin
(mA)
Pin
(W)
Vout
(V)
Iout
(A)
Pout
(W)
Frequency
(KHz)
η
(%)
100
100
150
5
292
1.46
12.046
0.1
1.2046
178
82.5
150
100
180
5
621
3.105
12.006
0.2
2.4012
166
77.3


Similar Part No. - TS3063

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TS306R TRSYS-TS306R Datasheet
165Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - TS3063

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4016 ETC2-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com