Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC08 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74AC08
Description  QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC08 Datasheet(HTML) 4 Page - STMicroelectronics

  74AC08 Datasheet HTML 1Page - STMicroelectronics 74AC08 Datasheet HTML 2Page - STMicroelectronics 74AC08 Datasheet HTML 3Page - STMicroelectronics 74AC08 Datasheet HTML 4Page - STMicroelectronics 74AC08 Datasheet HTML 5Page - STMicroelectronics 74AC08 Datasheet HTML 6Page - STMicroelectronics 74AC08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500
Ω or equivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
74AC08
4/7


Similar Part No. - 74AC08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
87Kb / 7P
   Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
304Kb / 10P
   Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
612Kb / 6P
   Quad 2-Input AND Gate
November-2017, Rev.2
logo
STMicroelectronics
74AC08B STMICROELECTRONICS-74AC08B Datasheet
185Kb / 8P
   QUAD 2-INPUT AND GATE
April 2001
More results

Similar Description - 74AC08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com