Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1583 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1583
Description  1.5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1583 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1583 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS1583
1.5A Dual Input LDO
3/9
Version: A07
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
50
Thermal Resistance
Junction to Ambient
TO-263-5L
60
oC/W
Pin Description
Pin No.
Pin Name
Pin Description
1
Sense
This pin is the positive side of the reference voltage for this device. With this pin it is
possible to Kelvin Sense the output voltage at the load.
2
Adjust /
Ground
This pin is the negative side of the reference voltage for this device. Transient response
can be improved by adding a small bypass capacitor from the adjust pin to ground.
3
Output
This pin is power output of the device.
4
Control
This pin is the supply pin for the control circuitry for the device. The current flow into this
pin will be about 1% of the output current. For the device to regulate, the voltage at this
pin must be 1.3V greater than the output voltage.
5
Power
This pin is the collector of the power transistor. The output load current is supplied
through this pin. The voltage at this pin must be 0.7V greater than the output voltage for
the device to regulate.
Application Information
Application
The TS1583 is a low dropout regulator designed to make used of multiple power supplies, present in most systems, to
reduce the dropout voltage. One of the advantages of the two supply approach is maximizing the efficiency. The
second supply is at least 1V greater than output voltage and is providing the power for the control circuitry and supplies
the drive current to the NPN output transistor. This allows the NPN output transistor to be driven into saturation. For the
control voltage the current requirement is small equal to about 1% of the output current or approximately 50mA for a
1.5A load. This drive current becomes part of the output current. The maximum voltage on the Control Pin is 15V. The
maximum voltage at the Power in is 7V.By tying the control and power inputs together the TS1583 can also be
operated as a single supply device. In single supply operation the dropout will be determined by the minimum control
voltage. Both the fixed and adjustable versions have remote sense pins, permitting very accurate regulation of output
voltage. As a result, over and output current range of 100mA to 1.5A, the typical load regulation is less than 1mV. For
the fixed voltages the adjust pin is brought out allowing the user to improve transient response by bypassing the
internal resistor divider. Optimum transient response is provided using a capacitor in the range of 0.1uF to 1uF for
bypassing the adjust pin.
The new generation of microprocessors cycle load current from several hundred million amperes to several amperes in
tens of nanoseconds. Output voltage tolerances are tighter and include transient response as part of the specification.
Designed to meet the fast current load step requirements of these microprocessors, the TS1583 also saves total cost
by needing less output capacitance to maintain regulation.
Typical applications for the TS1583 include 3.3V to 2.5V conversion with a 5V control supply, 5V to 4.2V conversion
with a 12V control supply or 5V to 3.6V conversion with a 12V control supply. It is easy to obtain dropout voltages less
than 0.5V at 1.1.5A along with excellent static and dynamic specifications. It is fully protected against over current and
over temperature conditions.


Similar Part No. - TS1583

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1583CM5 TSC-TS1583CM5 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1583CM52.5 TSC-TS1583CM52.5 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1583CM525 TSC-TS1583CM525 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1583CM53.3 TSC-TS1583CM53.3 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1583

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com