Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG3482QTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3482QTR
Description  Low voltage dual SP4T switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482QTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3482QTR Datasheet HTML 3Page - STMicroelectronics STG3482QTR Datasheet HTML 4Page - STMicroelectronics STG3482QTR Datasheet HTML 5Page - STMicroelectronics STG3482QTR Datasheet HTML 6Page - STMicroelectronics STG3482QTR Datasheet HTML 7Page - STMicroelectronics STG3482QTR Datasheet HTML 8Page - STMicroelectronics STG3482QTR Datasheet HTML 9Page - STMicroelectronics STG3482QTR Datasheet HTML 10Page - STMicroelectronics STG3482QTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STG3482
Electrical characteristics
7/14
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25 °C
-40 to 85 °C
Typ
Max
Min
Max
IOFF
OFF state
leakage
current
(SN), (D)
4.3
VS = 0.3 or 4 V
±20
±100
nA
IIN
Input
leakage
current
0 to 4.3
VSEL = 0 to 4.3 V
±0.1
±1
μA
ICC
Quiescent
supply
current
1.65 to 4.3
VSEL = VCC or GND
±0.1
±1.0
μA
ICCLV
Quiescent
supply
current low
voltage
driving
4.3
V1SEL, V2SEL = 1.65 V
±37
±50
±100
μA
V1SEL, V2SEL = 1.80 V
±33
±40
±50
V1SEL, V2SEL = 2.60 V
±12
±20
±30
V1SEL, V2SEL = 0
VOE = 1.65 V
±19
±25
±50
V1SEL, V2SEL = 0
VOE = 1.80 V
±17
±20
±25
V1SEL, V2SEL = 0
VOE = 2.60 V
±6
±10
±15
1.
ΔRon = Ron(max) - Ron(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Table 6.
DC specifications


Similar Part No. - STG3482QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
   Low voltage low on-resistance SPDT switch with break-before-make feature
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Similar Description - STG3482QTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
   SP4T Switch
logo
RF Micro Devices
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
   BROADBAND LOW POWER SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
   SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
   SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
   SP4T Switch
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
   Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
   SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com