Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83CNQ080GASM Datasheet(PDF) 8 Page - International Rectifier

Part # 83CNQ080GASM
Description  SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ080GASM Datasheet(HTML) 8 Page - International Rectifier

  83CNQ080GASM Datasheet HTML 1Page - International Rectifier 83CNQ080GASM Datasheet HTML 2Page - International Rectifier 83CNQ080GASM Datasheet HTML 3Page - International Rectifier 83CNQ080GASM Datasheet HTML 4Page - International Rectifier 83CNQ080GASM Datasheet HTML 5Page - International Rectifier 83CNQ080GASM Datasheet HTML 6Page - International Rectifier 83CNQ080GASM Datasheet HTML 7Page - International Rectifier 83CNQ080GASM Datasheet HTML 8Page - International Rectifier 83CNQ080GASM Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
8
Preliminary Data Sheet PD-20809 09/04
83CNQ100A
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999) *
* (International Rectifier Corporation) *
* contains Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT 83CNQ100A ANO CAT
D1 ANO 1 DMOD (0.20831)
*Define diode model
.MODEL DMOD D(IS=3.91765102575707E-04A,N=1.6412007115037,BV=110V,
+ IBV=1.66611874283115A,RS= 0.001083212,CJO=1.31909764291715E-08,
+ VJ=1.04145964983498,XTI=2, EG=0.757359996913038)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=-5.06642501757023)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((2.558893E-02/-5.066425)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*3.120336E-03*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS 83CNQ100A
Thermal Model Subcircuit
.SUBCKT 83CNQ100A 5 1
CTHERM1
5
4
8.75E-04
CTHERM2
4
3
1.99E+00
CTHERM3
3
2
2.04E+01
CTHERM4
2
1
2.41E+02
RTHERM1
5
4
1.00E-07
RTHERM2
4
3
4.51E-01
RTHERM1
3
2
3.08E-01
RTHERM1
2
1
7.27E-02
.ENDS 83CNQ100A


Similar Part No. - 83CNQ080GASM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
83CNQ080 MICROSEMI-83CNQ080 Datasheet
120Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
83CNQ080 SMC-83CNQ080 Datasheet
230Kb / 5P
   SCHOTTKY RECTIFIER
logo
International Rectifier
83CNQ080A IRF-83CNQ080A Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
83CNQ080A IRF-83CNQ080A Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ080A VISHAY-83CNQ080A Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 83CNQ080GASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com