Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1213A-04SO Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1213A-04SO
Description  1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213A-04SO Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM1213A-04SO Datasheet HTML 2Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 3Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 4Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 5Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 6Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 7Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 8Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 9Page - California Micro Devices Corp CM1213A-04SO Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CM1213A
Application Information
Design Considerations
In order to realize the maximum protection against
ESD pulses, care must be taken in the PCB layout to
minimize parasitic series inductances on the Supply/
Ground rails as well as the signal trace segment
between the signal input (typically a connector) and the
ESD protection device. Refer to Figure 3, which
illustrates an example of a positive ESD pulse striking
an input channel. The parasitic series inductance back
to the power supply is represented by L1 and L2. The
voltage VCL on the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD) / dt
+ L2 x d(IESD) / dt
where IESD is the ESD current pulse, and VSUPPLY is
the positive supply voltage.
An ESD current pulse can rise from zero to its peak
value in a very short time. As an example, a level 4
contact discharge per the IEC61000-4-2 standard
results in a current pulse that rises from zero to 30
Amps in 1ns. Here d(IESD)/dt can be approximated by
ΔIESD/Δt, or 30/(1x10-9). So just 10nH of series
inductance (L1 and L2 combined) will lead to a 300V
increment in VCL!
Similarly for negative ESD pulses, parasitic series
inductance from the VN pin to the ground rail will lead
to drastically increased negative voltage on the line
being protected.
The CM1213A has an integrated Zener diode between
VP and VN. This greatly reduces the effect of supply rail
VP
VN
inductance L2 on VCL by clamping VP at the breakdown
voltage of the Zener diode. However, for the lowest
possible VCL, especially when VP is biased at a voltage
significantly below the Zener breakdown voltage, it is
recommended that a 0.22
μF ceramic chip capacitor be
connected between VP and the ground plane.
As a general rule, the ESD Protection Array should be
located as close as possible to the point of entry of
expected electrostatic discharges. The power supply
bypass capacitor mentioned above should be as close
to the VP pin of the Protection Array as possible, with
minimum PCB trace lengths to the power supply,
ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also California Micro Devices Application Note
AP209, “Design Considerations for ESD Protection,” in
the Applications section at www.calmicro.com.
L 2
POSITIVE SUPPLY RAIL
VCC
CHASSIS GROUND
L1
PATH OF ESD CURRENT PULSE I
ONE
CHANNEL
OF
CM1213
CHANNEL
INPUT
GROUND RAIL
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
LINE BEING
PROTECTED
ESD
0.22
μF
D1
2
D
0A
25A
VCL
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground
© 2007 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/03/07


Similar Part No. - CM1213A-04SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A-04SO ONSEMI-CM1213A-04SO Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1213A-04SO ONSEMI-CM1213A-04SO Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
More results

Similar Description - CM1213A-04SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com