Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1213A Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1213A
Description  1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213A Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1213A Datasheet HTML 1Page - California Micro Devices Corp CM1213A Datasheet HTML 2Page - California Micro Devices Corp CM1213A Datasheet HTML 3Page - California Micro Devices Corp CM1213A Datasheet HTML 4Page - California Micro Devices Corp CM1213A Datasheet HTML 5Page - California Micro Devices Corp CM1213A Datasheet HTML 6Page - California Micro Devices Corp CM1213A Datasheet HTML 7Page - California Micro Devices Corp CM1213A Datasheet HTML 8Page - California Micro Devices Corp CM1213A Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CM1213A
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
Features
1, 2 and 4 channels of ESD protection
Provides ESD protection to IEC61000-4-2 Level 4
- 8kV contact discharge
- 15kV air discharge
Low channel input capacitance of 0.85pF typical
Minimal capacitance change with temperature and
voltage
Channel input capacitance matching of 0.02pF
typical is ideal for differential signals
Mutual capacitance between signal pin and
adjacent signal pin - 0.11pF typical
Zener diode protects supply rail and eliminates the
need for external by-pass capacitors
Each I/O pin can withstand over 1000 ESD strikes
Available in SOT and MSOP lead-free packages
Applications
USB2.0 ports at 480Mbps in desktop PCs,
notebooks and peripherals
IEEE1394 Firewire
® ports at 400Mbps / 800Mbps
DVI ports, HDMI ports in notebooks, set top boxes,
digital TVs, LCD displays
Serial ATA ports in desktop PCs and hard disk
drives
PCI Express ports
General purpose high-speed data line ESD
protection
Product Description
The CM1213A family of diode arrays has been
designed to provide ESD protection for electronic
components
or
sub-systems
requiring
minimal
capacitive loading. These devices are ideal for
protecting systems with high data and clock rates or for
circuits requiring low capacitive loading. Each ESD
channel consists of a pair of diodes in series which
steer the positive or negative ESD current pulse to
either the positive (VP) or negative (VN) supply rail. A
Zener diode is embedded between VP and VN, offering
two advantages. First, it protects the VCC rail against
ESD strikes, and second, it eliminates the need for a
bypass capacitor that would otherwise be needed for
absorbing
positive
ESD
strikes
to
ground.
The
CM1213A will protect against ESD pulses up to
±8kV
per the IEC 61000-4-2 standard and using the MIL­
STD-883D (Method 3015) specification for Human
Body Model (HBM) ESD, all pins are protected from
contact discharges of greater than
±15kV.
These devices are particularly well-suited for protecting
systems using high-speed ports such as USB 2.0,
IEEE1394 (Firewire
®, iLink), Serial ATA, DVI, HDMI
and corresponding ports in removable storage, digital
camcorders, DVD-RW drives and other applications
where extremely low loading capacitance with ESD
protection are required in a small package footprint.
The CM1213A family of devices is available with lead-
free finishing.
Electrical Schematics
VP
VP
CH4
VP
CH3
CH1
CH1
VN
CM1213A-02SO
CH2
VN
CH1
VN
CH2
CM1213A-01SO
CM1213A-04SO
CM1213A-02SR
CM1213A-04MR
© 2007 California Micro Devices Corp. All rights reserved.
04/03/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
1


Similar Part No. - CM1213A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1213A ONSEMI-CM1213A Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1213A ONSEMI-CM1213A Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
CM1213A-01SO ONSEMI-CM1213A-01SO Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
More results

Similar Description - CM1213A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com