Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKCD11C120I3 Datasheet(PDF) 1 Page - Semikron International

Part # SKCD11C120I3
Description  SEMICELL CAL-DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKCD11C120I3 Datasheet(HTML) 1 Page - Semikron International

  SKCD11C120I3 Datasheet HTML 1Page - Semikron International SKCD11C120I3 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICELL CAL-DIODE
SKCD 11 C 120 I3
I
F
= 15 A
V
RRM
= 1200 V
Size: 3,35 mm X 3,35 mm
Package: wafer frame
Features
Typical Applications
SKCD
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Electrical Characteristics
Symbol
Conditions
min.
typ.
max.
Units
Dynamic Characteristics
Symbol
Conditions
min.
typ.
max.
Units
Thermal Characteristics
Symbol
Conditions
min.
typ.
max.
Units
Mechanical Characteristics
Parameter
Units
SKCD 11 C 120 I3SEMIKRON, leading manufacturer of diode thyristor power semicondictor modules
1
08-12-2004 SCT
© by SEMIKRON


Similar Part No. - SKCD11C120I3

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKCD11C120I3 SEMIKRON-SKCD11C120I3 Datasheet
199Kb / 2P
   CAL-DIODE
SKCD11C120I3 SEMIKRON-SKCD11C120I3_10 Datasheet
199Kb / 2P
   CAL-DIODE
More results

Similar Description - SKCD11C120I3

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKCD11C120IHD SEMIKRON-SKCD11C120IHD Datasheet
232Kb / 2P
   SEMICELL CAL-DIODE
SKCD06C120IHD SEMIKRON-SKCD06C120IHD Datasheet
243Kb / 2P
   SEMICELL CAL-DIODE
SKCD18C120IHD SEMIKRON-SKCD18C120IHD Datasheet
321Kb / 2P
   SEMICELL CAL-DIODE
SKCD11C060I3 SEMIKRON-SKCD11C060I3 Datasheet
112Kb / 2P
   SEMICELL CAL-DIODE
SKCD47C170I SEMIKRON-SKCD47C170I Datasheet
201Kb / 2P
   SEMICELL CAL-DIODE
SKCD81C120IHD SEMIKRON-SKCD81C120IHD Datasheet
167Kb / 2P
   SEMICELL CAL-DIODE
SKCD81C170IHD SEMIKRON-SKCD81C170IHD Datasheet
263Kb / 2P
   SEMICELL CAL-DIODE
SKCD24C060IHD SEMIKRON-SKCD24C060IHD Datasheet
226Kb / 2P
   SEMICELL CAL-DIODE
SKCD SEMIKRON-SKCD Datasheet
29Kb / 2P
   SEMICELL CAL-DIODE
SKCD47C120IHD SEMIKRON-SKCD47C120IHD Datasheet
290Kb / 2P
   SEMICELL CAL-DIODE
SKCD09C060I3 SEMIKRON-SKCD09C060I3 Datasheet
216Kb / 2P
   SEMICELL CAL-DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com