Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2443MLTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2443MLTRT
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443MLTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC2443MLTRT Datasheet HTML 1Page - Semtech Corporation SC2443MLTRT Datasheet HTML 2Page - Semtech Corporation SC2443MLTRT Datasheet HTML 3Page - Semtech Corporation SC2443MLTRT Datasheet HTML 4Page - Semtech Corporation SC2443MLTRT Datasheet HTML 5Page - Semtech Corporation SC2443MLTRT Datasheet HTML 6Page - Semtech Corporation SC2443MLTRT Datasheet HTML 7Page - Semtech Corporation SC2443MLTRT Datasheet HTML 8Page - Semtech Corporation SC2443MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC2443
5
Notes:
() Guaranteed by design.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Gate Drivers
High side Gate Driver
Peak Source Current
V
BST, VBST2 = 2V
.5
A
High side Gate Driver
Peak Sink Current
V
BST, VBST2 = 2V

A
Low side Gate Driver
Peak Source Current
AVCC = PVCC = 2V
.5
A
Low side Gate Driver
Peak Sink Current
AVCC = PVCC = 2V

A
Gate Drive Rise Time
C
L = 2200pF
20
ns
Gate Drive Fall Time
C
L = 2200pF
20
ns
Low side Gate Driver to High side
Gate Driver Non-overlapping delay
C
L = 0
90
ns
High side Gate Driver to Low side
Gate Driver Non-overlapping delay
C
L = 0
90
ns
Minimum On Time
T
A = 25°C
50
ns
Soft Start, Overload Latchoff and Enable
Soft Start Charging Current
I
SS , ISS2
V
SS = VSS2 = .5V
2
µA
Overload Enabling Soft Start Voltage
V
SS and VSS2 Rising
3.2
V
Overload IN- Threshold
V
SS = 3.8V, VIN- falling
0.75V
REF
V
Overload IN2- Threshold
V
SS2 = 3.8V, VIN2- falling
0.72 X
V
Soft Start Discharge Current
I
SS _DIS , ISS2_DIS
V
SS = VSS2 = 3.8V
.4
µA
Overload Recovery Soft Start Voltage
V
SSRCV ,
V
SSRCV2
V
SS and VSS2 Falling
0.3
0.5
0.7
V
Gate Driver Disable SS/EN Voltage
0.7
0.9
V
Gate Driver Enable SS/EN Voltage
.2
.5
V
Internal 0.5V Reference Buffer
Output Voltage
V
REF
I
REF = -mA
490
500
50
mV
Load Regulation
0 < I
REF <-5mA
0.05
%/mA
Electrical Characteristics (continued)


Similar Part No. - SC2443MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443MLTRT SEMTECH-SC2443MLTRT Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results

Similar Description - SC2443MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
   Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com