Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP2504P.TCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP2504P.TCT
Description  RailClamp짰 2.5V & 3.3V TVS Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP2504P.TCT Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP2504P.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 7Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 8Page - Semtech Corporation RCLAMP2504P.TCT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.semtech.com
RClamp2504P & RClamp3304P
RailClamp®®®®®
2.5V & 3.3V TVS Arrays
PROTECTION PRODUCTS - RailClamp®
®
®
®
®
Description
Features
Circuit Diagram
Pin Configuration
Revision 04/12/2007
RailClamp® is a low capacitance TVS array designed to
protect high speed data interfaces. This series has been
specifically designed to protect sensitive components
which are connected to data and transmission lines from
overvoltage caused by ESD (electrostatic discharge), CDE
(Cable Discharge Events), and EFT (electrical fast tran-
sients).
The monolithic design incorporates surge rated, low
capacitance steering diodes and a TVS diode in a single
package. Each line has a maximum capacitance of
< 0.8pF to ground. The capacitance of each line is well
matched for consistant signal balance. This device is
optimized for ESD protection of portable electronics. It
may be used to meet the ESD immunity requirements
of IEC 61000-4-2, Level 4 (±15kV air, ±8kV contact
discharge).
The RClampTM2504P and RClampTM3304P are con-
structed using Semtech’s proprietary EPD process
technology. The EPD process provides low standoff
voltages with significant reductions in leakage current
and capacitance over silicon-avalanche diode pro-
cesses. They feature a true operating voltage of 2.5
volts and 3.3 volts for superior protection.
These devices are in a 6-pin, RoHS/WEEE compliant,
SLP1616P6 package measuring 1.6 x 1.6 x 0.58mm.
The leads are spaced at a pitch of 0.5mm and are
finished with lead-free NiPdAu.
Applications
Mechanical Characteristics
Multi Media Card (MMC) Interfaces
SATA Interfaces
SD Card Interfaces
SIM Ports
MDDI Ports
MPPI Ports
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Array of surge rated diodes with internal TVS Diode
Small package saves board space
Protects up to four I/O lines
Low capacitance (<0.8pF) for high-speed interfaces
Minimal insertion loss to 3.0GHz
3.0GHz
3.0GHz
3.0GHz
3.0GHz
Low operating voltage: 2.5V and 3.3V
Low leakage current and clamping voltage
Solid-state silicon-avalanche technology
SLP1616P6 package
RoHS/WEEE Compliant
Nominal Dimensions: 1.6 x 1.6 x 0.58 mm
Lead Finish: NiPdAu
Molding compound flammability rating: UL 94V-0
Marking: Marking Code + Date Code
Packaging: Tape and Reel per EIA 481
SLP1616P6 (Bottom View)
3
12
5
6
GND
0.58
1.6
1.6
1
0.5
6
Nominal Dimensions in mm


Similar Part No. - RCLAMP2504P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2504P.TCT SEMTECH-RCLAMP2504P.TCT Datasheet
201Kb / 11P
   RailClamp짰 2.5V & 3.3V TVS Arrays
More results

Similar Description - RCLAMP2504P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2504N SEMTECH-RCLAMP2504N Datasheet
296Kb / 11P
   RailClamp짰 2.5V & 3.3V TVS Arrays
RCLAMP2504P SEMTECH-RCLAMP2504P_08 Datasheet
201Kb / 11P
   RailClamp짰 2.5V & 3.3V TVS Arrays
RCLAMP0544T SEMTECH-RCLAMP0544T Datasheet
765Kb / 10P
   RailClamp짰 Ultra Low Capacitance TVS Arrays
RCLAMP2502L SEMTECH-RCLAMP2502L Datasheet
205Kb / 9P
   RailClamp짰 2.5V TVS for GbE Applications
RCLAMP0524J SEMTECH-RCLAMP0524J Datasheet
515Kb / 11P
   RailClamp짰 Ultra Low Capacitance TVS Arrays
RCLAMP3304NA SEMTECH-RCLAMP3304NA Datasheet
186Kb / 8P
   3.3V TVS Arrays
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0854P SEMTECH-RCLAMP0854P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP1654P SEMTECH-RCLAMP1654P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com