Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1591 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1591
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 4 Page - Linear Technology

  LTC1591 Datasheet HTML 1Page - Linear Technology LTC1591 Datasheet HTML 2Page - Linear Technology LTC1591 Datasheet HTML 3Page - Linear Technology LTC1591 Datasheet HTML 4Page - Linear Technology LTC1591 Datasheet HTML 5Page - Linear Technology LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2753
4
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
0.5
1
μA
Digital Inputs
VIH
Digital Input High Voltage
3.3V ≤ VDD ≤ 5.5V
2.7V ≤ VDD < 3.3V
2.4
2
V
V
VIL
Digital Input Low Voltage
4.5V < VDD ≤ 5.5V
2.7V ≤ VDD ≤ 4.5V
0.8
0.6
V
V
IIN
Digital Input Current
VIN = GND to VDD
±1
μA
CIN
Digital Input Capacitance
VIN = 0V (Note 10)
6pF
Digital Outputs
VOH
IOH = 200μA
VDD – 0.4
V
VOL
IOL = 200μA
0.4
V
TIMING CHARACTERISTICS The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
7ns
t2
I/O Valid to WR Rising Edge Hold
7ns
t3
WR Pulse Width Low
15
ns
t4
UPD Pulse Width High
15
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 10)
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
7ns
t8
WR Rising Edge to D/S Valid Hold Time
7ns
t9
A1-A0 Valid to WR Falling Edge Setup Time
5ns
t10
WR Rising Edge to A1-A0 Valid Hold Time
0ns
t11
A1-A0 Valid to UPD Rising Edge Setup Time
9ns
t12
UPD Falling Edge to A1-A0 Valid Hold Time
7ns
Readback Timing
t13
WR Rising Edge to READ Rising Edge
7ns
t14
READ Falling Edge to WR Falling Edge
(Note 10)
20
ns
t15
READ Rising Edge to I/O Propagation Delay
CL = 10pF
40
ns
t26
A1-A0 Valid to READ Rising Edge Setup Time
20
ns
t27
READ Falling to A1-A0 Valid Hold Time
(Note 10)
0ns
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1591 LINER-LTC1591 Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1591 LINER-LTC1591 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1591 LINER-LTC1591 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591-1C LINER-LTC1591-1C Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com