Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1592 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1592
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1592 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1592 Datasheet HTML 6Page - Linear Technology LTC1592 Datasheet HTML 7Page - Linear Technology LTC1592 Datasheet HTML 8Page - Linear Technology LTC1592 Datasheet HTML 9Page - Linear Technology LTC1592 Datasheet HTML 10Page - Linear Technology LTC1592 Datasheet HTML 11Page - Linear Technology LTC1592 Datasheet HTML 12Page - Linear Technology LTC1592 Datasheet HTML 13Page - Linear Technology LTC1592 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2753
10
2753f
PIN FUNCTIONS
RCOM (Pin 1): Center Tap Point for the Reference Inverting
Resistors. The 20k reference inverting resistors R1 and R2
are connected internally from RIN to RCOM and from RCOM
to REFA, respectively (see Block Diagram). For normal
operation tie RCOM to the negative input of the external
reference inverting amplifier (see Typical Applications).
RIN (Pin 2): Input Resistor R1 of the Reference Inverting
Resistors. The 20k resistor R1 is connected internally from
RIN to RCOM. For normal operation tie RIN to the external
reference voltage VREF. Typically 5V; accepts up to ±15V.
S2 (Pin 3): Span I/O Bit 2. Pins S0, S1 and S2 are used
to program and to read back the output ranges of the
DACs.
IOUT2A (Pin 4): DAC A Current Output Complement. Tie
IOUT2A to ground.
GND (Pin 5): Shield Ground, provides necessary shielding
for IOUT2A. Tie to ground.
D3-D11 (Pins 6-14): LTC2753-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D11 is the MSB.
D5-D13 (Pins 6-14): LTC2753-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D13 is the MSB.
D7-D15 (Pins 6-14): LTC2753-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D15 is the MSB.
VDD (Pin 15): Positive Supply Input 2.7V ≤ VDD ≤ 5.5V.
Requires a 0.1μF bypass capacitor to GND.
NC (Pin 16): No Internal Connection.
A1 (Pin 17): DAC Address Bit 1. See Table 3.
A0 (Pin 18): DAC Address Bit 0. See Table 3.
GND (Pin 19): Ground. Tie to ground.
CLR (Pin 20): Asynchronous Clear. When CLR is taken
to a logic low, the data registers are reset to the zero-volt
code for the present output range (VOUT = 0V).
MSPAN (Pin 21): Manual Span Control Pin. MSPAN is used
to configure the LTC2753 for operation in a single, fixed
output range. When configured for single-span operation,
the output range is set via hardware pin strapping. The
input and DAC registers of the span I/O port are transparent
and do not respond to write or update commands.
To configure the part for single-span use, tie MSPAN directly
to VDD. If MSPAN is instead connected to GND (SoftSpan
configuration), the output ranges are set and verified by
using write, update and read operations. See Manual Span
Configuration in the Operation section. MSPAN must be
connected either directly to GND (SoftSpan configuration)
or VDD (single-span configuration).
D0-D2 (Pins 22-24): LTC2753-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D4 (Pins 22-26): LTC2753-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D6 (Pins 22-28): LTC2753-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
NC (Pins 25-30): LTC2753-12 Only. No Internal Connection.
NC (Pins 27-30): LTC2753-14 Only. No Internal Connection.
NC (Pins 29, 30): LTC2753-16 Only. No Internal Con-
nection.
GND (Pin 31): Shield Ground, provides necessary shielding
for IOUT2B. Tie to ground.
IOUT2B (Pin 32): DAC B Current Output Complement. Tie
IOUT2B to ground.
S0 (Pin 33): Span I/O Bit 0. Pins S0, S1 and S2 are used to
program and to read back the output range of the DACs.
D/S (Pin 34): Data/Span Select. This pin is used to select
the data I/O pins or the span I/O pins (D0 to D15 or S0
to S2, respectively), along with their respective dedicated
registers, for write or read operations. Update operations
ignore D/S, since all updates affect both data and span
registers. For single-span operation, tie D/S to ground.
READ (Pin 35): Read Pin. When READ is asserted high,
the data I/O pins (D0-D15) or span I/O pins (S0-S2)


Similar Part No. - LTC1592

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1592 LINEAR-LTC1592 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1592 LINER-LTC1592 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1592 LINER-LTC1592 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1592 LINER-LTC1592 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1592 LINER-LTC1592 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
More results

Similar Description - LTC1592

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com