Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1647-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1647-3
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3 Datasheet(HTML) 4 Page - Linear Technology

  LTC1647-3 Datasheet HTML 1Page - Linear Technology LTC1647-3 Datasheet HTML 2Page - Linear Technology LTC1647-3 Datasheet HTML 3Page - Linear Technology LTC1647-3 Datasheet HTML 4Page - Linear Technology LTC1647-3 Datasheet HTML 5Page - Linear Technology LTC1647-3 Datasheet HTML 6Page - Linear Technology LTC1647-3 Datasheet HTML 7Page - Linear Technology LTC1647-3 Datasheet HTML 8Page - Linear Technology LTC1647-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4223-1/LTC4223-2
4
422312f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITMR(UP)
TIMER Pull-Up Current
VTIMER = 1V, Initial Timing Cycle
VTIMER = 0V, In AUX Fault Mode
VTIMER = 0V, In 12V Fault Mode
–7
–7
–140
–10
–10
–200
–13
–13
–260
μA
μA
μA
ITMR(DN)
TIMER Pull-Down Current
VTIMER = 2V, No Faults
VTIMER = 2V, In Reset Mode
1.3
2
2
8
2.6
16
μA
mA
Open Drain Outputs
VOL
Output Low Voltage (⎯F⎯A⎯U⎯L⎯T, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D,
⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D)
IOL = 3mA
0.15
0.4
V
VOH
Output High Voltage (⎯F⎯A⎯U⎯L⎯T, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D,
⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D)
(Note 5)
VCC – 1
V
IPU
Output Pin Pull-Up Current (⎯F⎯A⎯U⎯L⎯T,
⎯1⎯2⎯P⎯G⎯O⎯O⎯D, ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D)
VPU = 1.5V
–6
–10
–14
μA
Logic Inputs
VIN(TH)
Logic Input Threshold (12ON, AUXON, ⎯E⎯N)
0.8
2
V
IIN(LEAK)
Input Leakage Current (12ON, AUXON)
VIN = VCC
±1
μA
RPU
⎯E⎯N Pin Pull-Up Resistance
60
100
140
Other Pin Functions
I12VSENSE
12VSENSE Pin Input Current
V12VSENSE = 12V
10
50
100
μA
I12VOUT
12VOUT Pin Input Current
Gate Drive On, V12VOUT = 12V
20
50
100
μA
ROUT(DIS)
OUT Pin Discharge Resistance
12VOUT
AUXOUT
Gate Drive Off
V12VOUT = 6V
VAUXVOUT = 2V
400
375
800
750
1600
1500
Ω
Ω
Propagation Delays
tCB
AUX Circuit Breaker Trip Delay
After Power Up
12
25
50
μs
tPHL(SENSE)
Sense Voltage, (12VIN – 12VSENSE)
High to 12VGATE Low
ΔVSENSE = 300mV, C12VGATE = 10nF
ΔVSENSE = 100mV, C12VGATE = 10nF
0.5
5
1
12
μs
μs
tPHH(AUXON)
AUXON High to AUXOUT High
15
30
μs
tPHH(12ON)
12ON High to 12VGATE High
30
60
μs
tRST(ON)
Input Low (12ON, AUXON) to ⎯F⎯A⎯U⎯L⎯T High
20
40
μs
tRST(VCC)
VCC Low to ⎯F⎯A⎯U⎯L⎯T High
80
150
μs
tPLL(UVLO)
12VIN Low to 12VGATE Low
612
18
μs
AUXIN Low to ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D High
612
18
μs
tPHL(GATE)
⎯E⎯N High to 12VGATE Low
20
40
μs
tPLH(PG)
12VOUT Low to ⎯1⎯2⎯P⎯G⎯O⎯O⎯D High
20
40
μs
AUXOUT Low to ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D High
20
40
μs
tP(12IMON)
Input Sense Voltage Step to 12IMON
Propagation Delay
ΔVSENSE = 100mV
26
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
the device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: An internal clamp limits the 12VGATE pin to a minimum of 4.5V
above 12VOUT. Driving this pin to voltages beyond the clamp may damage
the device.
Note 4: For the DFN package, the AUX switch on resistance, RDS(ON) limit
is guaranteed by correlation to wafer test measurements.
Note 5: The output pins ⎯F⎯A⎯U⎯L⎯T, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D and ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D have an internal
pull-up to VCC of 10μA. However, an external pull-up resistor may be used
when faster rise time is required or for VOH voltages greater than VCC.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C, VCC = 3.3V, VAUXIN = 3.3V, V12VIN =12V, unless otherwise specified. (Note 2)


Similar Part No. - LTC1647-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-3 LINER-LTC1647-3 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC1647-3CGN LINER-LTC1647-3CGN Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3IGN LINER-LTC1647-3IGN Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results

Similar Description - LTC1647-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com