Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-20 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6401-20
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401-20 Datasheet(HTML) 4 Page - Linear Technology

  LTC6401-20 Datasheet HTML 1Page - Linear Technology LTC6401-20 Datasheet HTML 2Page - Linear Technology LTC6401-20 Datasheet HTML 3Page - Linear Technology LTC6401-20 Datasheet HTML 4Page - Linear Technology LTC6401-20 Datasheet HTML 5Page - Linear Technology LTC6401-20 Datasheet HTML 6Page - Linear Technology LTC6401-20 Datasheet HTML 7Page - Linear Technology LTC6401-20 Datasheet HTML 8Page - Linear Technology LTC6401-20 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6401-20
4
640120f
AC ELECTRICAL CHARACTERISTICS Specifications are at T
A = 25°C. V
+ = 3V, V= 0V, +IN and –IN
floating, VOCM = 1.25V, ⎯E⎯N⎯A⎯B⎯L⎯E = 0V, No RL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
–3dBBW
–3dB Bandwidth
200mVP-P,OUT (Note 6)
1.25
GHz
0.1dBBW
Bandwidth for 0.1dB Flatness
200mVP-P,OUT (Note 6)
130
MHz
0.5dBBW
Bandwidth for 0.5dB Flatness
200mVP-P,OUT (Note 6)
250
MHz
1/f
1/f Noise Corner
12.5
kHz
SR
Slew Rate
Differential (Note 6)
4500
V/μs
tS1%
1% Settling Time
2VP-P,OUT (Note 6)
2
ns
tOVDR
Output Overdrive Recovery Time
1.9VP-P,OUT (Note 6)
7
ns
tON
Turn-On Time
+OUT, –OUT Within 10% of Final Values
78
ns
tOFF
Turn-Off Time
ICC Falls to 10% of Nominal
146
ns
–3dBBWCM
Common Mode Small Signal –3dB
BW
0.1VP-P at VOCM, Measured Single-Ended at
Output (Note 6)
15
MHz
10MHz Input Signal
HD2,10M/HD3,10M
Second/Third Order Harmonic
Distortion
2VP-P,OUT, RL = 400Ω
–122/–92
dBc
2VP-P,OUT, No RL
–110/–103
dBc
2VP-P,OUTFILT, No RL
–113/–102
dBc
IMD3,10M
Third-Order Intermodulation
(f1 = 9.5MHz f2 = 10.5MHz)
2VP-P,OUT Composite, RL = 400Ω
–96
dBc
2VP-P,OUT Composite, No RL
–108
dBc
2VP-P,OUTFILT Composite, No RL
–105
dBc
OIP3,10M
Third-Order Output Intercept Point
(f1 = 9.5MHz f2 = 10.5MHz)
2VP-P,OUT Composite, No RL (Note 7)
58
dBm
P1dB,10M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.3
dBm
NF10M
Noise Figure
RL = 375Ω (Note 5)
6.2
dB
eIN,10M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.1
nV/√⎯H⎯z
eON,10M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
21
nV/√⎯H⎯z
70MHz Input Signal
HD2,70M/HD3,70M
Second/Third Order Harmonic
Distortion
2VP-P,OUT, RL = 400Ω
–91/–80
dBc
2VP-P,OUT, No RL
–95/–88
dBc
2VP-P,OUTFILT, No RL
–95/–88
dBc
IMD3,70M
Third-Order Intermodulation
(f1 = 69.5MHz f2 = 70.5MHz)
2VP-P,OUT Composite, RL = 400Ω
–88
dBc
2VP-P,OUT Composite, No RL
–93
dBc
2VP-P,OUTFILT Composite, No RL
–92
dBc
OIP3,70M
Third-Order Output Intercept Point
(f1 = 69.5MHz f2 = 70.5MHz)
2VP-P,OUT Composite, No RL (Note 7)
50.5
dBm
P1dB,70M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.3
dBm
NF70M
Noise Figure
RL = 375Ω (Note 5)
6.1
dB
eIN,70M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.1
nV/√⎯H⎯z
eON,70M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
21
nV/√⎯H⎯z
140MHz Input Signal
HD2,140M/HD3,140M Second/Third Order Harmonic
Distortion
2VP-P,OUT, RL = 400Ω
–80/–57
dBc
2VP-P,OUT, No RL
–81/–60
dBc
2VP-P,OUTFILT, No RL
–80/–65
dBc


Similar Part No. - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com