Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6981D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6981D
Description  20V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6981D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM6981D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM6981D
20V Dual P-Channel MOSFET
2/6
Version: A07
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
-0.4
--
-1.0
V
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V
IDSS
--
--
-1.0
uA
Gate Body Leakage
VGS = ±8V, VDS = 0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS ≤-5V, VGS = -4.5V
ID(ON)
-20
--
--
A
VGS = -4.5V, ID = -5A
--
30
30
VGS = -2.5V, ID = -4A
--
40
50
Drain-Source On-State Resistance
VGS = -1.8V, ID = -3A
RDS(ON)
--
50
60
Forward Transconductance
VDS = - 5V, ID = - 5A
gfs
--
17
--
S
Diode Forward Voltage
IS = - 1.0A, VGS = 0V
VSD
--
- 0.6
-1.2
V
Dynamic
b
Total Gate Charge
Qg
--
12.5
19
Gate-Source Charge
Qgs
--
1.7
--
Gate-Drain Charge
VDS = -10V, ID = -4.7A,
VGS = -4.5V
Qgd
--
3.3
--
nC
Input Capacitance
Ciss
--
1020
--
Output Capacitance
Coss
--
191
--
Reverse Transfer Capacitance
VDS = -10V, VGS = 0V,
f = 1.0MHz
Crss
--
140
--
pF
Switching
C
Turn-On Delay Time
td(on)
--
25
40
Turn-On Rise Time
tr
--
43
65
Turn-Off Delay Time
td(off)
--
71
110
Turn-Off Fall Time
VDD = -10V, RL = 10Ω,
ID = -1A, VGEN = -4.5V,
RG = 6Ω
tf
--
48
75
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM6981D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6981DCARV TSC-TSM6981DCARV Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
TSM6981DCARVG TSC-TSM6981DCARVG Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
TSM6981D TSC-TSM6981D_10 Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM6981D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
   20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
   20V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
   20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com