Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4886 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4886
Description  30V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4886 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4886 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4886 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4886 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4886 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
TSM4886
30V N-Channel MOSFET
1/4
Version: Preliminary
SOP-8
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
DC-DC Conversion
Battery Switch
Ordering Information
Part No.
Package
Packing
TSM4886CS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current
ID
13
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
a,b
IS
2.6
A
Ta = 25
oC
2.95
Maximum Power Dissipation
Ta = 75
oC
PD
1.9
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
25
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
50
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
10 @ VGS = 10V
13
30
13.5 @ VGS = 4.5V
11
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4886

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4886 TSC-TSM4886 Datasheet
239Kb / 6P
   30V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM4886CS DOINGTER-TSM4886CS Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM4886CSRL TSC-TSM4886CSRL Datasheet
239Kb / 6P
   30V N-Channel MOSFET
TSM4886 TSC-TSM4886_09 Datasheet
239Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - TSM4886

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com