Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP88N04NHE-S18-AY Datasheet(PDF) 3 Page - NEC

Part # NP88N04NHE-S18-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP88N04NHE-S18-AY Datasheet(HTML) 3 Page - NEC

  NP88N04NHE-S18-AY Datasheet HTML 1Page - NEC NP88N04NHE-S18-AY Datasheet HTML 2Page - NEC NP88N04NHE-S18-AY Datasheet HTML 3Page - NEC NP88N04NHE-S18-AY Datasheet HTML 4Page - NEC NP88N04NHE-S18-AY Datasheet HTML 5Page - NEC NP88N04NHE-S18-AY Datasheet HTML 6Page - NEC NP88N04NHE-S18-AY Datasheet HTML 7Page - NEC NP88N04NHE-S18-AY Datasheet HTML 8Page - NEC NP88N04NHE-S18-AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet D14236EJ8V0DS
3
NP88N04EHE, NP88N04KHE, NP88N04CHE, NP88N04DHE, NP88N04MHE, NP88N04NHE
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
μA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
3.0
4.0
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 44 A
30
60
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 44 A
3.4
4.3
m
Ω
Input Capacitance
Ciss
7300
11000
pF
Output Capacitance
Coss
1400
2100
pF
Reverse Transfer Capacitance
Crss
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
620
1120
pF
Turn-on Delay Time
td(on)
38
84
ns
Rise Time
tr
27
68
ns
Turn-off Delay Time
td(off)
110
220
ns
Fall Time
tf
VDD = 20 V, ID = 44 A,
VGS = 10 V,
RG = 1
Ω
32
80
ns
Total Gate Charge
QG
120
180
nC
Gate to Source Charge
QGS
30
nC
Gate to Drain Charge
QGD
VDD = 32 V,
VGS = 10 V,
ID = 88 A
43
nC
Body Diode Forward Voltage
VF(S-D)
IF = 88 A, VGS = 0 V
0.95
V
Reverse Recovery Time
trr
64
ns
Reverse Recovery Charge
Qrr
IF = 88 A, VGS = 0 V,
di/dt = 100 A/
μs
99
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


Similar Part No. - NP88N04NHE-S18-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP88N04NHE-S18-AY RENESAS-NP88N04NHE-S18-AY Datasheet
313Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP88N04NHE-S18-AYNote1 RENESAS-NP88N04NHE-S18-AYNote1 Datasheet
314Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP88N04NHE-S18-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com