Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP88N075NUE Datasheet(PDF) 3 Page - NEC

Part # NP88N075NUE
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP88N075NUE Datasheet(HTML) 3 Page - NEC

  NP88N075NUE Datasheet HTML 1Page - NEC NP88N075NUE Datasheet HTML 2Page - NEC NP88N075NUE Datasheet HTML 3Page - NEC NP88N075NUE Datasheet HTML 4Page - NEC NP88N075NUE Datasheet HTML 5Page - NEC NP88N075NUE Datasheet HTML 6Page - NEC NP88N075NUE Datasheet HTML 7Page - NEC NP88N075NUE Datasheet HTML 8Page - NEC NP88N075NUE Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet D14676EJ6V0DS
3
NP88N075EUE, NP88N075KUE, NP88N075CUE, NP88N075DUE, NP88N075MUE, NP88N075NUE
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 75 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±100
nA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
3.0
4.0
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 44 A
30
60
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 44 A
6.2
8.5
m
Ω
Input Capacitance
Ciss
8200 12300
pF
Output Capacitance
Coss
800
1200
pF
Reverse Transfer Capacitance
Crss
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
440
800
pF
Turn-on Delay Time
td(on)
35
77
ns
Rise Time
tr
28
70
ns
Turn-off Delay Time
td(off)
105
210
ns
Fall Time
tf
VDD = 38 V, ID = 44 A,
VGS = 10 V,
RG = 0
Ω
16
40
ns
Total Gate Charge
QG
150
230
nC
Gate to Source Charge
QGS
30
nC
Gate to Drain Charge
QGD
VDD = 60 V,
VGS = 10 V,
ID = 88 A
52
nC
Body Diode Forward Voltage
VF(S-D)
IF = 88 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
80
ns
Reverse Recovery Charge
Qrr
IF = 88 A, VGS = 0 V,
di/dt = 100 A/
μs
240
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 μs
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - NP88N075NUE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP88N075NUE RENESAS-NP88N075NUE Datasheet
5Mb / 6P
   Product Scout Automotive
NP88N075NUE RENESAS-NP88N075NUE Datasheet
303Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP88N075NUE-S18-AY RENESAS-NP88N075NUE-S18-AY Datasheet
303Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP88N075NUE-S18-AYNote1 RENESAS-NP88N075NUE-S18-AYNote1 Datasheet
304Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP88N075NUE

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com