Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP109N04PUG Datasheet(PDF) 3 Page - NEC

Part # NP109N04PUG
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP109N04PUG Datasheet(HTML) 3 Page - NEC

  NP109N04PUG Datasheet HTML 1Page - NEC NP109N04PUG Datasheet HTML 2Page - NEC NP109N04PUG Datasheet HTML 3Page - NEC NP109N04PUG Datasheet HTML 4Page - NEC NP109N04PUG Datasheet HTML 5Page - NEC NP109N04PUG Datasheet HTML 6Page - NEC NP109N04PUG Datasheet HTML 7Page - NEC NP109N04PUG Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D18590EJ2V0DS
3
NP109N04PUG
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125 150
175
TC - Case Temperature -
°C
0
50
100
150
200
250
0
25
50
75
100
125 150
175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
ID(DC)
ID(pulse)
RDS(on) Limited
(VGS = 10 V)
TC = 25
°C
Single pulse
PW
= 1
i
00
μs
DC
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
Rth(ch-A) = 83.3
°C/Wi
Rth(ch-C) = 0.68
°C/Wi
Single pulse
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - NP109N04PUG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP109N04PUG RENESAS-NP109N04PUG Datasheet
5Mb / 6P
   Product Scout Automotive
NP109N04PUG-E1-AYNote RENESAS-NP109N04PUG-E1-AYNote Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG-E2-AYNote RENESAS-NP109N04PUG-E2-AYNote Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG RENESAS-NP109N04PUG_15 Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP109N04PUG

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com