Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1860L Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1860L
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860L Datasheet(HTML) 2 Page - Linear Technology

  LTC1860L Datasheet HTML 1Page - Linear Technology LTC1860L Datasheet HTML 2Page - Linear Technology LTC1860L Datasheet HTML 3Page - Linear Technology LTC1860L Datasheet HTML 4Page - Linear Technology LTC1860L Datasheet HTML 5Page - Linear Technology LTC1860L Datasheet HTML 6Page - Linear Technology LTC1860L Datasheet HTML 7Page - Linear Technology LTC1860L Datasheet HTML 8Page - Linear Technology LTC1860L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2453
2
2453f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage (VIN+, VIN–).. –0.3V to (VCC + 0.3V)
Reference Voltage (VREF+, VREF–).. –0.3V to (VCC + 0.3V)
Digital Voltage (SDA, SCL)............ –0.3V to (VCC + 0.3V)
Storage Temperature Range................... –65°C to 150°C
Operating Temperature Range
LTC2453C ................................................ 0°C to 70°C
LTC2453I ............................................. –40°C to 85°C
(Notes 1, 2)
TOP VIEW
9
DD8 PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
REF
REF+
VCC
SDA
SCL
IN+
IN
C/I GRADE TJMAX = 125°C, θJA = 76°C/W (NOTE 4)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
16
Bits
Integral Nonlinearity
(Note 4)
2
10
LSB
Offset Error
2
10
LSB
Offset Error Drift
0.02
LSB/°C
Gain Error
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
1.4
μVRMS
Power Supply Rejection DC
80
dB
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2453CDDB#TRMPBF
LTC2453CDDB#TRPBF
LDBQ
8-Lead Plastic (3mm
× 2mm) DFN
0°C to 70°C
LTC2453IDDB#TRMPBF
LTC2453IDDB#TRPBF
LDBQ
8-Lead Plastic (3mm
× 2mm) DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1860L LINER-LTC1860L Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860LCMS8 LINER-LTC1860LCMS8 Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com