Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3471 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3471
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3498
11
3498f
The LED current can be set by:
I
mV
R
V
I
V
LED
SENSE
LED
CT
≈>
200
15
1
,.
when VCTRL1
R
RL
SENSE
R
V
1
1
625
125
.•
,.
when VCTRL1<
Feedback voltage variation versus control voltage is
given in the Typical Performance Characteristics.
Using a Filtered PWM Signal
A filtered PWM signal can be used to control the bright-
ness of the LED string. The PWM signal is filtered (Figure 4)
by a RC network and fed to the CTRL1 pin.
The corner frequency of R1, C1 should be much lower
than the frequency of the PWM signal. R1 needs to be
much smaller than the internal impedance of the CTRL1
pin which is 10MΩ (typ).
APPLICATIONS INFORMATION— LED DRIVER
Programming LED Current
The feedback resistor (RSENSE1) and the sense voltage
(VCAP1 – VLED1) control the LED current. The CTRL1 pin
controls the sense reference voltage as shown in the
Typical Performance Characteristics. For CTRL1 higher
than 1.5V, the sense reference is 200mV, which results in
full LED current. To have accurate LED current, precision
resistors are preferred (1% is recommended). The formula
and table for RSENSE selection are shown below.
R
mV
I
SENSE
LED
1
200
=
Table 4: RSENSE1 Value Selection for 200mV Sense
ILED (mA)
RSENSE1 (Ω)
540
10
20
15
13.3
20
10
Dimming Control
There are three different types of dimming control circuits.
The LED current can be set by modulating the CTRL1 pin
with a DC voltage, a filtered PWM signal or directly with
a PWM signal.
Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The CTRL1 pin voltage can be modulated to set the dim-
ming of the LED string. As the voltage on the CTRL1 pin
increases from 0V to 1.5V, the LED current increases from
0 to ILED. As the CTRL1 pin voltage increases beyond 1.5V,
it has no effect on the LED current.
Figure 4. Dimming Control Using a Filtered PWM Signal
LT3498
CTRL1
C1
0.1
µF
PWM
10kHz TYP
3498 F04
R1
100k


Similar Part No. - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471 Datasheet
305Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter
LT3471EDD LINER-LT3471EDD Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471_15 Datasheet
305Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter
More results

Similar Description - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com