Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3465A Datasheet(PDF) 9 Page - Linear Technology

Part # LT3465A
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465A Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3465A Datasheet HTML 5Page - Linear Technology LT3465A Datasheet HTML 6Page - Linear Technology LT3465A Datasheet HTML 7Page - Linear Technology LT3465A Datasheet HTML 8Page - Linear Technology LT3465A Datasheet HTML 9Page - Linear Technology LT3465A Datasheet HTML 10Page - Linear Technology LT3465A Datasheet HTML 11Page - Linear Technology LT3465A Datasheet HTML 12Page - Linear Technology LT3465A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3498
9
3498f
LED CURRENT (mA)
0
65
70
80
15
60
55
510
20
50
45
75
3498 F02
15uH Murata LQH32CN150K53
15uH Murata LQH2MCN150K02
15uH Cooper SD3110-150
15uH Toko D312C
15uH Coilcraft DO3314-153ML
The low noise boost of the LT3498 uses a novel control
scheme to provide high efficiency over a wide range
of output current. In addition, this technique keeps the
switching frequency above the audio band over all load
conditions.
The operation of the part can be better understood by
referring to the Block Diagram. The part senses the
output voltage by monitoring the voltage on the FB2 pin.
The user sets the desired output voltage by choosing the
value of the external topside feedback resistor. The part
incorporates a precision 182kΩ bottom-side feedback
resistor. Assuming that output voltage adjustment is not
used (CTRL2 pin is tied to 1.5V, or greater), the internal
reference (VREF = 1.215V) sets the voltage to which FB2
will servo during regulation.
The Switch Control block senses the output of the ampli-
fier and adjusts the switching frequency, as well as other
parameters to achieve regulation. During the start-up of
the circuit, special precautions are taken to ensure that
the inductor current remains under control.
Because the switching frequency is never allowed to fall
below approximately 50kHz, a minimum load must be
present to prevent the output voltage from drifting too
high. This minimum load is automatically generated within
the part via the Shunt Control block. The level of this current
is adaptable, removing itself when not needed to improve
efficiency at higher load levels.
The low-noise boost of the LT3498 also has an integrated
Schottky diode and PMOS output disconnect switch. The
PMOS switch is turned on when the part is enabled. When
the part is in shutdown, the PMOS switch turns off, allowing
the VOUT2 node to go to ground. This type of disconnect
function is often required in power supplies.
OPERATION— OLED DRIVER
APPLICATIONS INFORMATION— LED DRIVER
Inductor Selection
A 15µH inductor is recommended for most applications
for the LED driver of the LT3498. Although small size and
high efficiency are major concerns, the inductor should
have low core losses at 2.3MHz and low DCR (copper
wire resistance). Some small inductors in this category
are listed in Table 1. The efficiency comparison of different
inductors is shown in Figure 2.
Table 1: Recommended Inductors
PART
L
(µH)
MAX
DCR
(Ω)
CURRENT
RATING
(mA)
VENDOR
LQH32CN150K53
LQH2MCN150K02
LQH32CN100K53
LQH2MCN100K02
15
15
10
10
0.58
1.6
0.3
1.2
300
200
450
225
Murata
www.murata.com
SD3110-150
15
0.764
380
Cooper
www.cooperet.com
1001AS-150M
(TYPE D312C)
15
0.80
360
Toko
www.toko.com
D03314-153ML
15
0.86
680
Coilcraft
www.coilcraft.com
Figure 2. Efficiency Comparison of Different Inductors
Capacitor Selection
The small size of ceramic capacitors makes them ideal for
LT3498 LED driver applications. Use only X5R and X7R
types, because they retain their capacitance over wider
temperature ranges than other types, such as Y5V or
Z5U. A 4.7µF input capacitor and a 1µF output capacitor
are sufficient for most applications.


Similar Part No. - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465A LINER-LT3465A Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3465A LINER-LT3465A Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3465A LINER-LT3465A Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465AES6 LINER-LT3465AES6 Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
More results

Similar Description - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com