Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N055KHE Datasheet(PDF) 6 Page - NEC

Part # NP80N055KHE
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP80N055KHE Datasheet(HTML) 6 Page - NEC

Back Button NP80N055KHE Datasheet HTML 2Page - NEC NP80N055KHE Datasheet HTML 3Page - NEC NP80N055KHE Datasheet HTML 4Page - NEC NP80N055KHE Datasheet HTML 5Page - NEC NP80N055KHE Datasheet HTML 6Page - NEC NP80N055KHE Datasheet HTML 7Page - NEC NP80N055KHE Datasheet HTML 8Page - NEC NP80N055KHE Datasheet HTML 9Page - NEC NP80N055KHE Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14096EJ7V0DS
6
NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
Figure14. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
Figure15. SWITCHING CHARACTERISTICS
0
−50
4
8
12
0
50
100
150
ID = 40 A
Figure16. REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
16
20
24
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
VGS = 10 V
VDS - Drain to Source Voltage - V
ID - Drain Current - A
1
1
0.1
10
0.1
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
10
100
1000
10
100
Coss
Crss
Ciss
IF - Diode Forward Current - A
di/dt = 100 A/
μs
VGS = 0 V
1
0.1
10
1.0
10
100
QG - Gate Charge - nC
0
0
40
20
10
30
20
40
60
80
2
4
VDS
1000
100
6
10
12
14
16
8
VGS
VDD = 44 V
ID = 80 A
28 V
11 V
Pulsed
td(on)
td(off)
tf
tr
Figure13. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VF(S-D) - Source to Drain Voltage - V
0.5
Pulsed
0.1
1
10
100
1000
0 V
VGS = 10 V
VDD = 28 V
VGS = 10 V
RG = 1
Ω


Similar Part No. - NP80N055KHE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N055KHE RENESAS-NP80N055KHE Datasheet
5Mb / 6P
   Product Scout Automotive
NP80N055KHE RENESAS-NP80N055KHE Datasheet
299Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP80N055KHE-E1-AY RENESAS-NP80N055KHE-E1-AY Datasheet
299Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP80N055KHE-E1-AYNote1 RENESAS-NP80N055KHE-E1-AYNote1 Datasheet
300Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N055KHE-E2-AY RENESAS-NP80N055KHE-E2-AY Datasheet
299Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP80N055KHE

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com