Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP40N055EHE-E1-AY Datasheet(PDF) 3 Page - NEC

Part # NP40N055EHE-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP40N055EHE-E1-AY Datasheet(HTML) 3 Page - NEC

  NP40N055EHE-E1-AY Datasheet HTML 1Page - NEC NP40N055EHE-E1-AY Datasheet HTML 2Page - NEC NP40N055EHE-E1-AY Datasheet HTML 3Page - NEC NP40N055EHE-E1-AY Datasheet HTML 4Page - NEC NP40N055EHE-E1-AY Datasheet HTML 5Page - NEC NP40N055EHE-E1-AY Datasheet HTML 6Page - NEC NP40N055EHE-E1-AY Datasheet HTML 7Page - NEC NP40N055EHE-E1-AY Datasheet HTML 8Page - NEC NP40N055EHE-E1-AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet D14092EJ6V0DS
3
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 20 A
18
23
m
Ω
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
3.0
4.0
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 20 A
7
14
S
Drain Leakage Current
IDSS
VDS = 55 V, VGS = 0 V
10
μA
Gate to Source Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
μA
Input Capacitance
Ciss
1070
1610
pF
Output Capacitance
Coss
190
280
pF
Reverse Transfer Capacitance
Crss
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
95
180
pF
Turn-on Delay Time
td(on)
16
35
ns
Rise Time
tr
9.2
23
ns
Turn-off Delay Time
td(off)
29
57
ns
Fall Time
tf
ID = 20 A,
VGS = 10 V,
VDD = 28 V,
RG = 1
Ω
9.2
23
ns
Total Gate Charge
QG
23
35
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
ID = 40 A,
VDD = 44 V,
VGS = 10 V
9
nC
Body Diode Forward Voltage
VF(S-D)
IF = 40 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
38
ns
Reverse Recovery Charge
Qrr
IF = 40 A, VGS = 0 V,
di/dt = 100 A/
μs
46
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1 %
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10 %
0
0
90 %
90 %
90 %
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10 %10 %
μ


Similar Part No. - NP40N055EHE-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP40N055EHE-E1-AY RENESAS-NP40N055EHE-E1-AY Datasheet
298Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP40N055EHE-E1-AYNote1,2 RENESAS-NP40N055EHE-E1-AYNote1,2 Datasheet
299Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP40N055EHE-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com