Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP36P06SLG Datasheet(PDF) 2 Page - NEC

Part # NP36P06SLG
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING P-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP36P06SLG Datasheet(HTML) 2 Page - NEC

  NP36P06SLG Datasheet HTML 1Page - NEC NP36P06SLG Datasheet HTML 2Page - NEC NP36P06SLG Datasheet HTML 3Page - NEC NP36P06SLG Datasheet HTML 4Page - NEC NP36P06SLG Datasheet HTML 5Page - NEC NP36P06SLG Datasheet HTML 6Page - NEC NP36P06SLG Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet D18008EJ5V0DS
2
NP36P06SLG
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−60 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m20 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−1.0
−2.0
−2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −18 A
12
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−10 V, ID = −18 A
24
30
m
Ω
RDS(on)2
VGS =
−4.5 V, ID = −18 A
27
40
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
3200
pF
Output Capacitance
Coss
VGS = 0 V,
350
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
205
pF
Turn-on Delay Time
td(on)
VDD =
−30 V, ID = −18 A,
7
ns
Rise Time
tr
VGS =
−10 V,
12
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
190
ns
Fall Time
tf
110
ns
Total Gate Charge
QG
VDD =
−48 V,
52
nC
Gate to Source Charge
QGS
VGS =
−10 V,
6.9
nC
Gate to Drain Charge
QGD
ID =
−36 A
15
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF =
−36 A, VGS = 0 V
1.2
V
Reverse Recovery Time
trr
IF =
−36 A, VGS = 0 V,
46
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
75
nC
Note Pulsed test PW
≤ 350
μs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA


Similar Part No. - NP36P06SLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP36P06SLG RENESAS-NP36P06SLG Datasheet
1Mb / 8P
   -60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
1Mb / 8P
   -60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
NP36P06SLG RENESAS-NP36P06SLG_15 Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results

Similar Description - NP36P06SLG

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com